Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGT2900SCT Datasheet(PDF) 1 Page - Littelfuse

Part # SGT2900SCT
Description  Silicon Protection Circuits - Surface Mount SurgectorTM Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SGT2900SCT Datasheet(HTML) 1 Page - Littelfuse

  SGT2900SCT Datasheet HTML 1Page - Littelfuse SGT2900SCT Datasheet HTML 2Page - Littelfuse SGT2900SCT Datasheet HTML 3Page - Littelfuse SGT2900SCT Datasheet HTML 4Page - Littelfuse SGT2900SCT Datasheet HTML 5Page - Littelfuse SGT2900SCT Datasheet HTML 6Page - Littelfuse SGT2900SCT Datasheet HTML 7Page - Littelfuse SGT2900SCT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Silicon Protection Circuits
236
www .littelfuse .com
Surface Mount Surgector
TM Transient Voltage Suppressors
Surgector Thyristors For Telecom Protection
®
Designed to suppress lightning and other transients, Surgector suppressors
are primarily intended for operation on the telephone line “tip and ring”
environment in order to protect telecommunications CPE and COE
products in conjunction with the Littelfuse 461 series Telecom Nanofuse.
These devices provide secondary protection for telecommunication
equipment such as telephone, MODEM, line card and other devices
subject to damage from transient over voltage events. Surgectors can be an
integral part of a Telephone Line Protector Unit, meeting AC Power Cross
criteria when used in association with properly selected resistor/ PTC/ fuse
combinations such as the Littelfuse 461 series fuse. Littelfuse Surface
Mount Surgectors are manufactured using a silicon thyristor technology,
offering bidirectional voltage clamping for transients of either polarity
from a single chip.
The Surgector devices described in this data sheet are manufactured
with the DO-214AA low profile case style and are second source
equivalent parts to industry “SIDAC” types. Surface Mount Surgector
Suppressors are supplied in embossed carrier tape on 330mm
(13in) reels.
Ordering Information
Features
• Rated for Telecom Industry Transient Surge Levels:
- Telcordia (Bellcore) GR-1089
- ITU CCITT K.20/.21
- FCC PART 68
- UL 60950
• Low Profile Package, Compatible with PCMCIA Cards, UL-94V-0 Listed
• Offered in the Most Common VDRM Voltage Types
• Low On-State Voltage
• Cross to Common Industry Types
• High Minimum Holding Current
AGENCY APPROVALS: Recognized under the components program of
Underwriters Laboratories.
AGENCY FILE NUMBERS: UL E135010.
Applications
• Secondary Protection for:
- DSL modem
- Set Top Box
- Telephone
- FAX
- Modem
- Line Cards
- SLIC
- TLPU Modules
• Alarm Systems
• CATV Lines
• Cable Modems
Symbol
PART
NUMBER
V
BO (MAX)
ATI
BO=800MA
I
PP(MAX)
10 x 1000
µs Pulse
SGT0640SBT
SGT0720SBT
SGT2300SBT
SGT2900SBT
SGT3100SBT
SGT0640SCT
SGT0720SCT
SGT1300SCT
SGT2300SCT
SGT2900SCT
SGT3100SCT
SGT3500SCT
SGT1500SCT
B TYPES
C TYPES
77
88
260
330
350
77
88
160
260
330
350
400
180
50
50
50
50
50
100
100
100
100
100
100
100
100
(V)
(A)
I
PP(MAX)
2 x 10
µs Pulse
(A)
320
320
200
200
200
600
600
600
500
500
500
600
NOTE: T Suffix indicates Tape and Reel.
500
Next
Previous


Similar Part No. - SGT2900SCT

ManufacturerPart #DatasheetDescription
logo
GE Solid State
SGT23U13 GESS-SGT23U13 Datasheet
81Kb / 3P
   Unidirectional Transient
More results

Similar Description - SGT2900SCT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SM5Z10A LUGUANG-SM5Z10A Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
SM5Z LUGUANG-SM5Z Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
SM8S LUGUANG-SM8S Datasheet
6Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
SM8Z LUGUANG-SM8Z Datasheet
5Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
SM8Z ANOVA-SM8Z Datasheet
824Kb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Central Semiconductor C...
CMATVS3V3 CENTRAL-CMATVS3V3 Datasheet
725Kb / 4P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com