Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5272BS-5 Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # SM5272BS-5
Description  3 RF DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5272BS-5 Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button SM5272BS-5 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5272BS-5 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5272BS-5 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5272BS-5 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5272BS-5 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5272BS-5 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM5272BS-5 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM5272BS-5 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM5272BS-5 Datasheet HTML 12Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page 8
OCT. 26, 2001
DECODER WITH DATA OUTPUT PINS
After Power On SM5272B is set in Address
search mode, if SM5272B finds 2 consecutive
Address that matches the Address setting of
SM5272B.
SM5272B will enter Data Compare mod. It will
compare previously 2 received data, if they
match then SM5272B will set VT high and send
data O/P.
SM5272B re-enters Address search mode, after
2 consecutive Address that do not match
setting on SM5272B will disable VT and
momentary's data but keep Latch's data intact.
Power ON
Address
match?
Address
match?
YES
YES
NO
NO
Data match?
Address
match?
Address
match?
Disable VT and Remove the
Momentary data.
But keep the Latch Type
data intact.
NO
YES
YES
NO
NO
Active VT and
O/P data
YES
SM5272B
312 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Similar Part No. - SM5272BS-5

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
logo
AiT Semiconductor Inc.
SM5200A AITSEMI-SM5200A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5200AF SECOS-SM5200AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM5200AF FS-SM5200AF Datasheet
215Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
logo
AiT Semiconductor Inc.
SM5200AF AITSEMI-SM5200AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

Similar Description - SM5272BS-5

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM5038RF SAMHOP-SM5038RF Datasheet
40Kb / 8P
   RF DECODER
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
AM-HIRK RFSOLUTIONS-AM-HIRK Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
THOR communications
H-IRD-V3 THOR-H-IRD-V3 Datasheet
640Kb / 1P
   Decoder for ASI, IP, RF
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A_06 Datasheet
103Kb / 7P
   3?뭪o?? Line Decoder
January, 2006 ??Rev. 3
logo
List of Unclassifed Man...
SD7062 ETC1-SD7062 Datasheet
3Mb / 9P
   3-STATE ENCODER / DECODER
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com