Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G01DFT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHC1G01DFT1
Description  2-Input NAND Gate with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G01DFT1 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHC1G01DFT1 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G01DFT1 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G01DFT1 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G01DFT1 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G01DFT1 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G01DFT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1G01
http://onsemi.com
4
50%
50% VCC
tPZL
tPLZ
VOL +0.3 V
VCC
GND
HIGH
IMPEDANCE
Y
A or B
RL
VCC − 7 V
OVT
VCC
A
B
Figure 4. Output Voltage Mismatch Application
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
VCC x 2
CL = 50 pF equivalent (Includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 5. Switching Waveforms
Figure 6. Test Circuit
E = (A
• B) + (C+D)
VCC
A
B
C
D
MC74VHC1G01
MC74VHC1G03
2.2 k
W
1
2
3
5
4
VCC
R
LED
VCC
A
B
3.3 V
1.5 V
GTL
220
W
MC74VHC1G01
A
B
Figure 7. Complex Boolean Functions
Figure 8. LED Driver
Figure 9. GTL Driver
DEVICE ORDERING INFORMATION
Device Order Number
Package Type
Tape and Reel Size
MC74VHC1G01DFT1
SC70−5 / SC−88A / SOT−353
178 mm (7”)
3000 Unit
MC74VHC1G01DFT1G
SC70−5 / SC−88A / SOT−353
(Pb−Free)
178 mm (7”)
3000 Unit
MC74VHC1G01DFT2
SC70−5 / SC−88A / SOT−353
178 mm (7”)
3000 Unit
MC74VHC1G01DFT2G
SC70−5 / SC−88A / SOT−353
(Pb−Free)
178 mm (7”)
3000 Unit
MC74VHC1G01DTT1
SOT23−5 / TSSOP−5 / SC59−5
178 mm (7”)
3000 Unit
MC74VHC1G01DTT1G
SOT23−5 / TSSOP−5 / SC59−5
(Pb−Free)
178 mm (7”)
3000 Unit
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74VHC1G01DFT1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1G01DFT1 ETL-MC74VHC1G01DFT1 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
MC74VHC1G01DFT1G-L22038 ONSEMI-MC74VHC1G01DFT1G-L22038 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
More results

Similar Description - MC74VHC1G01DFT1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G01 LRC-MC74VHC1G01 Datasheet
153Kb / 4P
   2-Input NAND Gate with Open Drain Output
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
Toshiba Semiconductor
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
logo
ON Semiconductor
NL17SZ38 ONSEMI-NL17SZ38 Datasheet
266Kb / 10P
   2-Input NAND Gate, Open Drain Output
December, 2019 ??Rev. 0
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com