Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61018GP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M61018GP
Description  MOTOR DRIVER FOR CAMERA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61018GP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M61018GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M61018GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61018GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61018GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61018GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61018GP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61018GP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61018GP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI<AV COMMON>
M61018GP
MOTOR DRIVER FOR CAMERA
PRELIMINARY
MITSUBISHI
Buffer1
V
A
V
1.6
3.5
2.0
0.5
Input current
Ibf4cont
BF4CONT=0V
Output voltage
Vbc
H input voltage
VinH
BC
2/3VB
-0.15
2/3VB
Maximum output current
VB(BF1)
Ibf1
Io=1A
Operating voltage
Output saturation voltage
Vsat(BF1)
VB voltage
Buffer2
Maximum output current
VB(BF2)
Ibf2
Io=500mA
Operating voltage
Output saturation voltage
Vsat(BF2)
VB voltage
Buffer3
Maximum output current
VB(BF3)
Ibf3
Operating voltage
Output saturation voltage
Vsat(BF3)
Buffer4
Maximum output current
VB(BF4)
Ibf4
Io =100mA
Operating voltage
Output saturation voltage
Vsat(BF4)
VB voltage
L input voltage
VinL
t=1S
V
mA
V
1.6
800
0.5
3.5
t=1S
Io=500mA
VB voltage
V
mA
V
1.6
0.5
3.5
t=1S
V
mA
V
1.6
0.5
3.5
800
150
V
4.2
V
0.3
0
6.0
VB=1.6 to 3.5V
2/3VB
+0.15
V
µA
-50
-70
-30
Classification
Parameter
Symbol
Limit
Unit
Note
min
typ
max
Test condition
ELECTRICAL CHARACTERRISTICS(cont.)
( Ta=25˚C,VB=3.0V,unless otherwise noted)
( 4 / 8 )


Similar Part No. - M61018GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61018GP RENESAS-M61018GP Datasheet
305Kb / 18P
   MOTOR DRIVER FOR CAMERA
More results

Similar Description - M61018GP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8304F TOSHIBA-TA8304F Datasheet
133Kb / 4P
   MOTOR DRIVER FOR CAMERA
TA8303F TOSHIBA-TA8303F Datasheet
134Kb / 4P
   MOTOR DRIVER FOR CAMERA
TA8312F TOSHIBA-TA8312F Datasheet
110Kb / 3P
   MOTOR DRIVER FOR CAMERA
TA8300F TOSHIBA-TA8300F Datasheet
128Kb / 4P
   MOTOR DRIVER FOR CAMERA
logo
Renesas Technology Corp
M61018GP RENESAS-M61018GP Datasheet
305Kb / 18P
   MOTOR DRIVER FOR CAMERA
logo
Toshiba Semiconductor
TA8302F TOSHIBA-TA8302F Datasheet
133Kb / 4P
   MOTOR DRIVER FOR CAMERA
logo
ON Semiconductor
LB8649W ONSEMI-LB8649W Datasheet
133Kb / 9P
   Digital Camera Motor Driver
June, 2013
logo
Panasonic Semiconductor
AN3860SA PANASONIC-AN3860SA Datasheet
155Kb / 6P
   Cylinder Motor Driver IC for Video Camera
logo
Ceramate Technical
CMD8649 CERAMATE-CMD8649 Datasheet
228Kb / 8P
   Lens Motor Driver for Digital Still Camera
logo
Panasonic Semiconductor
AN3895FHQ PANASONIC-AN3895FHQ Datasheet
55Kb / 6P
   Cylinder/capstan motor driver IC for video camera
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com