Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGT2300SBT Datasheet(PDF) 3 Page - Littelfuse

Part # SGT2300SBT
Description  Silicon Protection Circuits - Surface Mount SurgectorTM Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SGT2300SBT Datasheet(HTML) 3 Page - Littelfuse

  SGT2300SBT Datasheet HTML 1Page - Littelfuse SGT2300SBT Datasheet HTML 2Page - Littelfuse SGT2300SBT Datasheet HTML 3Page - Littelfuse SGT2300SBT Datasheet HTML 4Page - Littelfuse SGT2300SBT Datasheet HTML 5Page - Littelfuse SGT2300SBT Datasheet HTML 6Page - Littelfuse SGT2300SBT Datasheet HTML 7Page - Littelfuse SGT2300SBT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Surface Mount Surgector
TM Transient Voltage Suppressors
Surgector Thyristors For Telecom Protection
Silicon Protection Circuits
238
www .littelfuse .com
Typical Performance Curves
MODEL
NUMBER
(NOTE 5)
VARIATION OF
OF VBO vsTEMP
TA = -40
oC TO 85oC
(%)
(NOTE 6)
TYPICAL V T AT PEAK
IT, T A = 25
oC VOLTS
(V)
(NOTE 7)
VARIATION OF CO
vs
FREQUENCY
(%)
(NOTE 8)
MAXIMUM CRITICAL
RATE OF RISE OF
ON-STATE CURRENT
(dl/dT) (A/
µs)
(NOTE 9)
MAXIMUM IPP FOR
2x10
µs WAVEFORM
(A)
SGT0640SBT
-6 to +6
4.2 at 50A
1
120
320
SGT0720SBT
-6 to +6
4.2 at 50A
1
120
320
SGT2300SBT
-5 to +4
3.2 at 50A
1
120
200
SGT2900SBT
-4 to +4
3.3 at 50A
1
120
200
SGT3100SBT
-4 to +4
3.3 at 50A
1
120
200
SGT0640SCT
-6 to +6
5.2 at 100A
1
250
600
SGT0720SCT
-6 to +6
5.2 at 100A
1
250
600
SGT1300SCT
-5 to +1
4.1 at 100A
1
250
600
NOTES:
5. Typical percentage shift from normalized 25oC value (positive coefficient).
6. Typical maximum peak forward voltage drop at specified peak current.
7. Typical percentage shift with test frequency ranging from 1kHz to 1MHz/1VRMS (for two constant DC bias voltages of 0V and 50V).
8. dI/dT for leading edge of sine wave where 1/2 rated IPP is reached at initial 30
o of the sine.
9. Rated IPP value for the 2x10µs waveform above which could cause device damage.
SGT2300SCT
-5 to +4
4.9 at 100A
1
250
500
SGT2900SCT
-4 to +4
7.2 at 100A
1
250
500
SGT3100SCT
-4 to +4
7.2 at 100A
1
250
500
SGT3500SCT
-3 to +4
7.7 at 100A
2
250
500
SGT1500SCT
-5 to +1
4.1 at 100A
1
250
600
FIGURE 3. TYPICAL HOLDING CURRENT vs JUNCTION
TEMPERATURE
-40
-20
0
20
40
60
80
100
120
0
0.5
1.0
1.5
2.0
2.5
3.0
TEMPERATURE (oC)
SGT0640SB
SGT0720SB
TABLE 1. ELECTRICAL CHARACTERISTICS
FIGURE 4. TYPICAL HOLDING CURRENT vs JUNCTION
TEMPERATURE
-40
-20
0
20
40
60
80
100
120
0
0.5
1.0
1.5
2.0
2.5
3.0
TEMPERATURE (oC)
SGT2300SB
Next
Previous


Similar Part No. - SGT2300SBT

ManufacturerPart #DatasheetDescription
logo
GE Solid State
SGT23U13 GESS-SGT23U13 Datasheet
81Kb / 3P
   Unidirectional Transient
More results

Similar Description - SGT2300SBT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SM5Z10A LUGUANG-SM5Z10A Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
SM5Z LUGUANG-SM5Z Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
SM8S LUGUANG-SM8S Datasheet
6Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
SM8Z LUGUANG-SM8Z Datasheet
5Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
SM8Z ANOVA-SM8Z Datasheet
824Kb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Central Semiconductor C...
CMATVS3V3 CENTRAL-CMATVS3V3 Datasheet
725Kb / 4P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com