Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NH2G315 Datasheet(PDF) 2 Page - Littelfuse

Part # NH2G315
Description  NH Fuse Links
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NH2G315 Datasheet(HTML) 2 Page - Littelfuse

  NH2G315 Datasheet HTML 1Page - Littelfuse NH2G315 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
159
NH Fuse Links
NH FUSE LINK DIMENSIONS
Size
00C
00
0
1C
1
2C
2
3C
3
Current
Range
2-100A
2-160A
2-160A
25-160A
63-250A
40-250A
125-400A
315-400A
315-630A
A
78.00
78.00
123.95
135.00
135.00
150.00
150.00
150.00
150.00
B
54.00
54.00
70.11
75.00
75.00
75.00
75.00
75.00
75.00
C
51.30
56.40
53.34
56.40
64.30
64.26
74.20
74.20
87.37
D
20.00
30.00
30.00
30.00
40.00
40.00
50.00
50.00
71.88
Dimensions (mm)
NH BASES / DISCONNECTS
FUSE BASES
Part No.
NHB00B
NHB00C
NHB1B
NHB2B
NHB3B
Size
00
00
1
2
3
Rating
690V/160A
690V/160A
690V/250A
690V/400A
690V/630A
Connection
Bolt
V-Clamp
Bolt
Bolt
Bolt
FUSE DISCONNECTS
Part No.
NHFSC00B
NHFS0B
NHFS1B
NHFS2B
NHFS3B
Size
C00
0
1
2
3
Rating
690V/100A
690V/160A
690V/250A
690V/400A
690V/630A
Connection
Bolt
Bolt
Bolt
Bolt
Bolt
B
C
D
A
All fuse bases are single pole and gangable.
All disconnects are 3 pole.
Contact factory for dimensional information.


Similar Part No. - NH2G315

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NH20M20LA NDK-NH20M20LA Datasheet
84Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH20M20LA-10M-NSA3421A NDK-NH20M20LA-10M-NSA3421A Datasheet
84Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH20M20LA-38.88M-NSA3421A NDK-NH20M20LA-38.88M-NSA3421A Datasheet
84Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH20M20LB NDK-NH20M20LB Datasheet
629Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
NH20M20LB NDK-NH20M20LB Datasheet
699Kb / 1P
   High Precision Oscillator (Twin-OCXO) for Fixed Communication Equipment
More results

Similar Description - NH2G315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
2NHG000B-690 COOPER-2NHG000B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
logo
List of Unclassifed Man...
2NHG000B-690 ETC1-2NHG000B-690 Datasheet
614Kb / 9P
   690 Volts gG/gL NH Fuse links
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com