Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX9820ASM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 7Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 8Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 9Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 10Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 11Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 12Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 13Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 14Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Revision 1.0
11
www.national.com
6.0 Electrical Specifications (Continued)
4.
The f0 = -64 dBm Bluetooth modulated signal, f1 = -39 dbm sine wave, f2 = -39 dBm Bluetooth modulated signal,
f0 = 2f1 - f2, and |f2 - f1| = n x 1 MHz, in which n is 3, 4, or 5. For the typical case, n = 3.
Table 15. Transmitter Performance Characteristics
Symbol
Parameter
Condition
Min
Typ1
Max
Unit
POUTRF
2
Transmit Output Power
2.402 GHz
-3
+1
+4
dBm
2.441 GHz
-3
+1
+4
dBm
2.480 GHz
-3
+1
+4
dBm
Power Density 5
Power Density
-4
1
2
dBm
MOD
∆F1
AVG
Modulation Characteristics
Data = 00001111
140
165
175
kHz
MOD
∆F2
MAX
3
Modulation Characteristics
Data = 10101010
115
125
kHz
∆F2
AVG/∆F1AVG
4
Modulation Characteristics
0.8
20 dB Bandwidth
1000
kHz
ACP 5
Adjacent Channel Power
(In-band Spurious)
| M - N | = 2
-48
-20
dBm
| M - N | > 3-51
-40
dBm
POUT2*fo
6
PA 2nd Harmonic
Suppression
Maximum gain setting:
f0 = 2402 MHz,
Pout = 4804 MHz
-30
dBm
POUT3*fo
5
PA 3rd Harmonic
Suppression
Maximum gain setting:
f0 = 2402 MHz,
Pout = 7206 MHz
-32
dBm
ZRFOUT
RF Output Impedance/Input
Impedance of RF Port
(RF_inout)
Pout @ 2.5 GHz
50
Return Loss 5
Return Loss
-14
dB
1.
Typical operating conditions are at VCC = 3.3V, IOVCC = 3.3V operating voltage and 25°C ambient temperature.
2.
The output power is measure at the device interface.
3.
∆F2max > 115 kHz for at least 99.9% of all ∆f2max.
4.
Modulation index set between 0.28 and 0.35.
5.
Not tested in production.
6.
Out-of-Band spurs only exist at 2nd and 3rd harmonics of the CW frequency for each channel.
Table 16. Synthesizer Performance Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fVCO
VCO Frequency Range
5000
MHz
tLOCK
Lock Time
f0 + 20 kHz
120
µs
∆f
0offset
1,2
Initial Carrier Frequency Tolerance
During preamble
-75
0
75
kHz
∆f
0drift
2,3
Initial Carrier Frequency Drift
DH1 data packet
-25
0
25
kHz
DH3 data packet
-40
0
40
kHz
DH5 data packet
-40
0
40
kHz
Drift Rate
-20
0
20
kHz/50µs
tD-Tx
Transmitter Delay Time
From Tx data to antenna
4
µs


Similar Part No. - LMX9820ASM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9820 NSC-LMX9820 Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
LMX9820SB NSC-LMX9820SB Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
LMX9820SBX NSC-LMX9820SBX Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
More results

Similar Description - LMX9820ASM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9820 NSC-LMX9820 Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
logo
Texas Instruments
LMX9838SB TI-LMX9838SB Datasheet
1Mb / 38P
[Old version datasheet]   Bluetooth Serial Port Module
logo
National Semiconductor ...
LMX9838 NSC-LMX9838 Datasheet
1Mb / 26P
   Bluetooth Serial Port Module
logo
List of Unclassifed Man...
HC-05 ETC-HC-05 Datasheet
812Kb / 13P
   Bluetooth to Serial Port Module
06.18.2010
logo
Texas Instruments
LMX9838 TI1-LMX9838 Datasheet
688Kb / 42P
[Old version datasheet]   LMX9838 Bluetooth Serial Port Module
logo
List of Unclassifed Man...
ESD100 ETC-ESD100 Datasheet
921Kb / 2P
   Bluetooth-serial Module
ESD100V2 ETC-ESD100V2 Datasheet
501Kb / 2P
   Bluetooth-serial Module
PARANI-BCD210 ETC-PARANI-BCD210 Datasheet
1Mb / 25P
   Bluetooth-serial Module
ESD1000 ETC2-ESD1000 Datasheet
395Kb / 2P
   OEM Bluetooth-Serial Module
SD200 ETC-SD200 Datasheet
536Kb / 2P
   Bluetooth-serial adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com