Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1383BCSTR Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1383BCSTR
Description  3A TERMINATION REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1383BCSTR Datasheet(HTML) 7 Page - Analog Intergrations Corporation

  AIC1383BCSTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1383BCSTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1383BCSTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1383BCSTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1383BCSTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1383BCSTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1383BCSTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1383BCSTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1383BCSTR Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AIC1383B
e
WITH PLATING
b
SEE VIEW B
E
A
A
A
c2
8.38
0.51
1.78
14.61
9.65
1.14
0.38
0.00
H
θ
L3
L1
L
c2
E
e
D
c
b
A1
15.88
1.68
2.79
0.25 BSC
0.99
10.67
9.65
1.65
0.74
0.25
1.70 BSC
4.06
MIN.
S
Y
M
B
O
L
A4.83
MAX.
TO-263-5L
MILLIMETERS
--
7
PHYSICAL DIMENSIONS (unit: mm)
TO-263-5
L
VIEW B
GAUGE PLANE
SEATING PLANE


Similar Part No. - AIC1383BCSTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1383 ETC-AIC1383 Datasheet
473Kb / 7P
   1.5 TERMINATION REGULATOR
AIC1383CSTR ETC-AIC1383CSTR Datasheet
473Kb / 7P
   1.5 TERMINATION REGULATOR
AIC1383PSTR ETC-AIC1383PSTR Datasheet
473Kb / 7P
   1.5 TERMINATION REGULATOR
More results

Similar Description - AIC1383BCSTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
   3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331 Datasheet
230Kb / 20P
   3A Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com