Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1383BCM5TR Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1383BCM5TR
Description  3A TERMINATION REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1383BCM5TR Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  AIC1383BCM5TR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1383BCM5TR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1383BCM5TR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1383BCM5TR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1383BCM5TR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1383BCM5TR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1383BCM5TR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1383BCM5TR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1383BCM5TR Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AIC1383B
PIN DESCRIPTIONS
PIN 1:
VIN
- Input supply pin. It provides
main power to create the
external reference voltage by
divider resistors for regulating
VREF and VOUT.
PIN 2:
GND
- Ground pin.
PIN 3:
VCNTL - Input supply pin. It is used to
supply all the internal control
circuitry.
PIN 4:
VREF - Reference voltage input. Pull
this pin low to shutdown device.
PIN 5:
VOUT - Output pin.
APPLICATION INFORMATION
Layout Consideration
AIC1383B is in SO-8 (DDR1/2), TO-252-5
(DDR1/2)
and
TO-263-5
(DDR1)
packages
resulting in unable to dissipate heat easily when it
operates in high current. In order to prevent
maximum junction temperature exceeded, the
suitable copper area has to use.
The large copper at VCNTL pins is available, and
the heat dissipation is relieved. Using via to lead
heat into the bottom layer to strengthen as below
figures show.
All capacitors should be placed as close as
possible to relative pins.
Fig. 9 Top layer of SO-8
Fig. 10 Bottom layer of SO-8
Fig. 11 Placement of SO-8
6


Similar Part No. - AIC1383BCM5TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1383 ETC-AIC1383 Datasheet
473Kb / 7P
   1.5 TERMINATION REGULATOR
AIC1383CSTR ETC-AIC1383CSTR Datasheet
473Kb / 7P
   1.5 TERMINATION REGULATOR
AIC1383PSTR ETC-AIC1383PSTR Datasheet
473Kb / 7P
   1.5 TERMINATION REGULATOR
More results

Similar Description - AIC1383BCM5TR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
   3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331 Datasheet
230Kb / 20P
   3A Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com