Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ13 Datasheet(PDF) 4 Page - Littelfuse

Part # P6SMBJ13
Description  Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6SMBJ13 Datasheet(HTML) 4 Page - Littelfuse

  P6SMBJ13 Datasheet HTML 1Page - Littelfuse P6SMBJ13 Datasheet HTML 2Page - Littelfuse P6SMBJ13 Datasheet HTML 3Page - Littelfuse P6SMBJ13 Datasheet HTML 4Page - Littelfuse P6SMBJ13 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Silicon Avalanche Diodes
275
www .littelfuse .com
6
6
P6SMBJ 36 / P6SMBJ 36C
36 / 36C
29.10
32.40
39.60
1.0
5.0
52.0
11.6
3.5
P6SMBJ 36A / P6SMBJ 36CA
36A / 36CA
30.80
34.20
37.80
1.0
5.0
49.9
12.0
3.5
P6SMBJ 39 / P6SMBJ 39C
39 / 39C
31.60
35.10
42.90
1.0
5.0
56.4
10.5
3.5
P6SMBJ 39A / P6SMBJ 39CA
39A / 39CA
33.30
37.10
41.00
1.0
5.0
53.9
11.2
3.5
P6SMBJ 43 / P6SMBJ 43C
43 / 43C
34.80
38.70
47.30
1.0
5.0
61.9
9.6
3.5
P6SMBJ 43A / P6SMBJ 43CA
43A / 43CA
36.80
40.90
45.20
1.0
5.0
59.3
10.1
3.5
P6SMBJ 47 / P6SMBJ 47C
47 / 47C
38.10
42.30
51.70
1.0
5.0
67.8
8.9
3.5
P6SMBJ 47A / P6SMBJ 47CA
47A / 47CA
40.20
44.70
49.40
1.0
5.0
64.8
9.3
3.5
P6SMBJ 51 / P6SMBJ 51C
51 / 51C
41.30
45.90
56.10
1.0
5.0
73.5
8.2
3.5
P6SMBJ 51A / P6SMBJ 51CA
51A / 51CA
43.60
48.50
53.60
1.0
5.0
70.1
8.6
3.5
P6SMBJ 56 / P6SMBJ 56C
56 / 56C
45.4
50.40
61.60
1.0
5.0
80.5
7.4
3.5
P6SMBJ 56A / P6SMBJ 56CA
56A / 56CA
47.8
53.20
58.80
1.0
5.0
77.0
7.8
3.5
P6SMBJ 62 / P6SMBJ 62C
62 / 62C
50.2
55.80
68.20
1.0
5.0
89.0
6.8
3.5
P6SMBJ 62A / P6SMBJ 62CA
62A / 62CA
53.0
58.90
65.10
1.0
5.0
85.0
7.1
3.5
P6SMBJ 68 / P6SMBJ 68C
68 / 68C
55.1
61.20
74.80
1.0
5.0
98.0
6.1
3.5
P6SMBJ 68A / P6SMBJ 68CA
68A / 68CA
58.1
64.60
71.40
1.0
5.0
92.0
6.5
3.5
P6SMBJ 75/ P6SMBJ 75C
75 / 75C
60.7
67.50
82.50
1.0
5.0
108.0
5.5
3.5
P6SMBJ 75A / P6SMBJ 75CA
75A / 75CA
64.1
71.30
78.80
1.0
5.0
103.0
5.8
3.5
P6SMBJ 82 / P6SMBJ 82C
82 / 82C
66.4
73.80
90.20
1.0
5.0
118.0
5.1
3.5
P6SMBJ 82A / P6SMBJ 82CA
82A / 82CA
70.1
77.90
86.10
1.0
5.0
113.0
5.3
3.5
P6SMBJ 91 / P6SMBJ 91C
91 / 91C
73.7
81.90
100.00
1.0
5.0
131.0
4.5
3.5
P6SMBJ 91A / P6SMBJ 91CA
91A / 91CA
77.8
86.50
95.50
1.0
5.0
125.0
4.8
3.5
P6SMBJ 100 / P6SMBJ 100C
100 / 100C
81.0
90.00
110.00
1.0
5.0
144.0
4.2
3.5
P6SMBJ 100A / P6SMBJ 100CA
100A / 100CA
85.5
95.00
105.00
1.0
5.0
137.0
4.4
3.5
P6SMBJ 110 / P6SMBJ 110C
110 / 110C
89.2
99.00
121.00
1.0
5.0
158.0
3.8
3.5
P6SMBJ 110A / P6SMBJ 110CA
110A / 110CA
94.0
105.00
116.00
1.0
5.0
152.0
4.0
3.5
P6SMBJ 120 / P6SMBJ 120C
120 / 120C
97.2
108.00
132.00
1.0
5.0
173.0
3.5
3.5
P6SMBJ 120A / P6SMBJ 120CA
120A / 120CA
102.0
114.00
126.00
1.0
5.0
165.0
3.6
3.5
P6SMBJ 130 / P6SMBJ 130C
130 / 130C
105.0
117.00
143.00
1.0
5.0
187.0
3.2
3.5
P6SMBJ 130A / P6SMBJ 130CA
130A / 130CA
111.0
124.00
137.00
1.0
5.0
179.0
3.3
3.5
P6SMBJ 150 / P6SMBJ 150C
150 / 150C
121.0
135.00
165.00
1.0
5.0
215.0
2.8
3.5
P6SMBJ 150A / P6SMBJ 150CA
150A / 150CA
128.0
143.00
158.00
1.0
5.0
207.0
2.9
3.5
Part
Device
Reverse
Breakdown
Maximum Maximum Maximum Maximum
Number
Code
Standoff
Voltage
Reverse
Clamping
Peak Pulse
Forward
Voltage
VBR (Volts) @ IT
Leakage
Voltage
Current
Voltage
VR
IR @ VR
VC @ IPP
IPP @ VC
(VF) @ IT
(Volts)
Min
Max
(mA)
(µA)
(Volts)
(A)
(Volts)
Notes:
1. BV is measured using a pulse of 20 milliseconds or less.
2. VF, for Uni-directional devices, is measured using a 300 microsecond square wave pulse IF = 50A.
3. IR is doubled for Bi-directional devices only with VR equal or less than 10 volts.
P6SMBJ Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
600W Surface Mount Transient Voltage Sup
pressors
®


Similar Part No. - P6SMBJ13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ13 PANJIT-P6SMBJ13 Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
P6SMBJ13 PANJIT-P6SMBJ13 Datasheet
115Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ13 SURGE-P6SMBJ13 Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ13 CHENG-YI-P6SMBJ13 Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ13 TRSYS-P6SMBJ13 Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ13

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com