Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1800Q12BLRP Datasheet(PDF) 3 Page - Littelfuse

Part # P1800Q12BLRP
Description  Q2L Series SIDACtor Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1800Q12BLRP Datasheet(HTML) 3 Page - Littelfuse

  P1800Q12BLRP Datasheet HTML 1Page - Littelfuse P1800Q12BLRP Datasheet HTML 2Page - Littelfuse P1800Q12BLRP Datasheet HTML 3Page - Littelfuse P1800Q12BLRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.littelfuse.com • +1 (800) 999-9445
©2005 Littelfuse • Telecom Design Guide
3
Mechanical Dimensions
Dimensions
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.114
0.118
0.122
2.900
3.000
3.100
B
0.114
0.118
0.122
2.900
3.000
3.100
C
0.075
0.079
0.083
1.900
2.000
2.100
E
0.011
0.015
0.019
0.285
0.385
0.485
F
0.076
0.080
0.084
1.930
2.030
2.130
H
0.035
0.039
0.043
0.900
1.000
1.100
J
0.000
0.004
0.008
0.000
0.100
0.200
K1
0.004
0.008
0.012
0.100
0.200
0.300
K2
0.004
0.008
0.012
0.100
0.200
0.300
M1
0.056
0.060
0.064
1.430
1.530
1.630
M2
0.038
0.042
0.046
0.970
1.070
1.170
N1
0.096
0.100
0.104
2.440
2.540
2.640
N2
0.082
0.086
0.090
2.080
2.180
2.280
Q2L Series SIDACtor® Device
2.54
(.100”)
H
1.50
(.059”)
1.27
(.050”)
Can be A or B
K1
N2
N1
END VIEW
SIDE VIEW
M2
M1
K2
F
E
C
J
B
A
TOP VIEW
BOTTOM VIEW
Recommended
Soldering Pad Outline
(Reference Only)
2.54
(.100”)
H
1.50
(.059”)
1.27
(.050”)
Can be A or B
K1
N2
N1
END VIEW
SIDE VIEW
M2
M1
K2
F
E
C
J
B
A
TOP VIEW
BOTTOM VIEW
Recommended
Soldering Pad Outline
(Reference Only)
Part Numbering
CONSTRUCTION VARIATION
0
P
: Single SIDACtor chip used
as a single device
PACKING STYLE
RP : Standard: Embossed carrier tape
SURGE Ipp Rating
A : 50AMP 10x560µs
B : 100AMP 10x560µs
PACKAGE TYPE
Q12 : QFN, 3.0mm x 3.0mm, two leaded package
L : RoHS Compliant
DEVICE TYPE
: SIDACtor
Pxxx0Q12ALRP
MEDIAN VOLTAGE
xxx : xxx volts
and reel per EIA 481-1, 12mm tape in 13” reel.
Device Marking
XXXX
YYYY
First Line: Product Name
Second Line: Lot number
Mechanical Drawings and Recommended Solder Pad Outline
*Reference Tech Brief
(EC642) for soldering
recommendations


Similar Part No. - P1800Q12BLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1800Q12ALRP LITTELFUSE-P1800Q12ALRP Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
More results

Similar Description - P1800Q12BLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP Datasheet
441Kb / 4P
   Q2L Series (C-Rated) SIDACtor짰 Device
logo
Teccor Electronics
P0080S TECCOR-P0080S Datasheet
423Kb / 2P
   SIDACtor Device
logo
List of Unclassifed Man...
P1100SBRP ETC2-P1100SBRP Datasheet
127Kb / 2P
   SIDACtor Device
logo
Littelfuse
P0080ECMCL LITTELFUSE-P0080ECMCL Datasheet
101Kb / 3P
   MicroCapacitance SIDACtor Device
P0640ECMC LITTELFUSE-P0640ECMC Datasheet
121Kb / 2P
   MicroCapacitance (MC) SIDACtor Device
P2706UCLRP LITTELFUSE-P2706UCLRP Datasheet
178Kb / 3P
   Multiport Balanced SIDACtor Device
P0080SAMCRP LITTELFUSE-P0080SAMCRP Datasheet
155Kb / 2P
   MicroCapacitance (MC) SA SIDACtor Device
P0080SAMC LITTELFUSE-P0080SAMC Datasheet
122Kb / 2P
   MicroCapacitance (MC) SA SIDACtor Device
P6002AD LITTELFUSE-P6002AD Datasheet
123Kb / 2P
   High Surge Current SIDACtor Device
P0300SCMCRP LITTELFUSE-P0300SCMCRP Datasheet
159Kb / 3P
   MicroCapacitance (MC) SC SIDACtor Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com