Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ56A Datasheet(PDF) 3 Page - Littelfuse

Part # P6SMBJ56A
Description  Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6SMBJ56A Datasheet(HTML) 3 Page - Littelfuse

  P6SMBJ56A Datasheet HTML 1Page - Littelfuse P6SMBJ56A Datasheet HTML 2Page - Littelfuse P6SMBJ56A Datasheet HTML 3Page - Littelfuse P6SMBJ56A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
600W Surface Mount Transient Voltage Supressors
P6SMBJ Series
Silicon Avalanche Diodes
8
www .littelfuse.com
Ratings and Characteristic Curves TA=25˚C unless otherwise noted
Fig. 1 Peak Pulse Power Rating
Fig. 3 Pulse Waveform
Fig. 5- Typ. Transient Thermal Impedance
Fig. 6- Maximum Non-Repetitive Peak
Fig. 4- Typical Junction Capacitance
Fig. 2 Pulse Derating Curve
td- Pulse Width (sec.)
TA- Ambient Temperature (˚C)
0.1
µs
1.0
µs10µs
100
µs 1.0ms
10ms
0.1
1
10
100
0.2x0.2"(5.0x5.0mm)
Copper Pad Areas
0
0
0
0.1
1.0
10
100
50
100
150
1.0
2.0
3.0
4.0
0.001
0.01
0.1
1
10
100
1000
1
10
100
200
6000
1000
100
10
1.0
10
100
200
10
100
0
25
25
50
50
75
75
100
100
125 150 175 200
tp- Pulse Duration(sec)
Number of Cycles at 60Hz
VWM-Reverse Stand-Off Voltage (V)
Forward Surge Current
tr=10µsec
Peak Value
IPPM
Half Value IPPM
2
TJ=25˚C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000
µsec. Waveform
as defined by R.E.A
td
8.3 Single Half Sine-Wave
(JEDEC Method)
Undirectional Only
Measured at
Zero Bias
Uni-Directional
Bi-Directional
TJ=25˚C
f=1.0MHZ
Vsig=50mVp-p
VR, Measured at
Stand-Off
Voltage, VWM
®


Similar Part No. - P6SMBJ56A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P6SMBJ56A LITTELFUSE-P6SMBJ56A Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P6SMBJ56A SUNMATE-P6SMBJ56A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - P6SMBJ56A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
1KSMBJ LITTELFUSE-1KSMBJ Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com