Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2006D8 Datasheet(PDF) 1 Page - Littelfuse

Part # L2006D8
Description  Sensitive Triacs (0.8 A to 8 A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L2006D8 Datasheet(HTML) 1 Page - Littelfuse

  L2006D8 Datasheet HTML 1Page - Littelfuse L2006D8 Datasheet HTML 2Page - Littelfuse L2006D8 Datasheet HTML 3Page - Littelfuse L2006D8 Datasheet HTML 4Page - Littelfuse L2006D8 Datasheet HTML 5Page - Littelfuse L2006D8 Datasheet HTML 6Page - Littelfuse L2006D8 Datasheet HTML 7Page - Littelfuse L2006D8 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2004 Littelfuse, Inc.
E1 - 1
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
*
Selected
Packag
es
U.L.
RECOGN
IZED
File
#E71639
MT2
MT1
G
Sensitive Triacs
(0.8 A to 8 A)
E1
General Description
Teccor's line of sensitive gate triacs includes devices with current
capabilities through 8 A. Voltage ranges are available from 200 V
to 600 V. This line features devices with guaranteed gate control
in Quadrants II and IV as well as control in the commonly used
Quadrants I and III. Four-quadrant control devices require
sensitive gate triacs. They can be controlled by digital circuitry
where positive-only or negative-only pulses must control AC
current in both directions through the device. Note that triacs with
low IGT values in Quadrants II and IV will have lower dv/dt
characteristics.
The sensitive gate triac is a bidirectional AC switch and is gate
controlled for either polarity of main terminal voltage. It is used
primarily for AC switching and phase control applications such as
motor speed controls, temperature modulation controls, and
lighting controls.
The epoxy TO-92 and TO-220 configurations feature Teccor's
electrically-isolated construction where the case or mounting tab
is internally isolated from the semiconductor chip and lead
attachments. Non-isolated epoxy TO-202 packages are available
as well as TO-251 and surface mount TO-252 (D-Pak). Tape-
and-reel capability and tube packing also are available. See
“Packing Options” section of this catalog.
All Teccor triacs have glass-passivated junctions. This glassing
process prevents migration of contaminants and ensures long-
term device reliability with parameter stability.
Variations of devices covered in this data sheet are available for
custom design applications. Consult factory for more information.
R
oHS
Features
•RoHS Compliant
Electrically-isolated packages
Glass-passivated junctions ensure long device
reliability and parameter stability
Voltage capability — up to 600 V
Surge capability — up to 80 A
Four-quadrant gating guaranteed
Compak Sensitive Gate Triac
Surface mount package — 0.8 A and 1 A series
New small profile three-leaded Compak package
Packaged in embossed carrier tape with 2,500
devices per reel
Can replace SOT-223
TO-202
TO-92
3-lead
Compak
*TO-220
Isolated
E1
TO-252
D-Pak
TO-251
V-Pak


Similar Part No. - L2006D8

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L2006D8 TECCOR-L2006D8 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
L2006D8 TECCOR-L2006D8 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L2006D8 LITTELFUSE-L2006D8 Datasheet
176Kb / 8P
   Sensitive Triacs
L2006D8 LITTELFUSE-L2006D8 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L2006D8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
STMicroelectronics
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
   High temperature 8 A sensitive TRIACs
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
   0.8 A sensitive gate SCR
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com