Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA12A Datasheet(PDF) 1 Page - Littelfuse

Part # P4SMA12A
Description  Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4SMA12A Datasheet(HTML) 1 Page - Littelfuse

  P4SMA12A Datasheet HTML 1Page - Littelfuse P4SMA12A Datasheet HTML 2Page - Littelfuse P4SMA12A Datasheet HTML 3Page - Littelfuse P4SMA12A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Avalanche Diodes
258
www .littelfuse .com
400W Surface Mount Transient Voltage Supressors
P4SMA Series
FEATURES
RoHS compliant
For surface mounted applications in order to optimize
board space
Low profile package
Built-in strain relief
Glass passivated junction
Low Inductance
Excellent clamping capability
Repetition Rate (duty cycle):0.01%
Fast response time: typically less than 1.0ps from 0 Volts to
V(BR) for unidirectional types
Typical IR less than 1µA above 10V
High temperature soldering: 250˚C/10 seconds at terminals
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use Suffix CA for types P4SMA6.8CA thru types
P4SMA550CA
Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS
@25˚C AMBIENT TEMPERATURE (unless otherwise noted)
PARAMETER
Peak pulse power Dissipation on
10/1000µs waveform (Note 1.2,FIG.1)
Peak pulse current of on 10/1000µs
waveform (Note 1, FIG.3)
Peak Forward Surge Current,
8.3ms Single Half Sine-Wave
Superimposed on Rated Load,
(JEDEC Method)(Note2,3)
Operating junction and Storage
Temperature Range
VALUE
Min
400
See Table 1
40
-55 to +150
UNIT
Watts
Amps
Amps
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above
TA= 25˚C per Fig.2
2. Mounted on 5.0mm2 (0.03mm thick) Copper Pads to each
terminal
3. 8.3ms single half sine-wave, or equivalent square wave,
Duty cycle = 4 pulses per minutes maximum
SYMBOL
PPPM
IPPM
IFSM
Tj, TsTG
Mechanical Specifications:
Weight:
0.002 ounce, 0.061 gram
Case:
JEDEC DO214AC. Molded plastic over
glass passivated junction
Mounting Position:
Any
Polarity:
Color band denoted positive end
(cathode) except Bidirectional
Terminal:
Solder plated, solderable per MIL-STD-
750, Method 2026
Standard Packaging:
12mm tape (EIA STD RS-481)
Agency Approvals: Recognized under the Components Program
of Underwriters Laboratories.
Agency File Numbers: E128667
P4SMA
CA
Voltage
Bi-Directional
5% Voltage
T = Tape and reeled (5000pcs)
Tolerance
ORDERING INFORMATION
RoHS


Similar Part No. - P4SMA12A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA12A WTE-P4SMA12A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
P4SMA12A SHUNYE-P4SMA12A Datasheet
301Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Silicon Standard Corp.
P4SMA12A SSC-P4SMA12A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Nantong Hornby Electron...
P4SMA12A HORNBY-P4SMA12A Datasheet
336Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
P4SMA12A CENTRAL-P4SMA12A Datasheet
944Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
More results

Similar Description - P4SMA12A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
1KSMBJ LITTELFUSE-1KSMBJ Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com