Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH60100-2 Datasheet(PDF) 5 Page - Littelfuse

Part # LH60100-2
Description  Class H/K5 and R Fuse Blocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LH60100-2 Datasheet(HTML) 5 Page - Littelfuse

  LH60100-2 Datasheet HTML 1Page - Littelfuse LH60100-2 Datasheet HTML 2Page - Littelfuse LH60100-2 Datasheet HTML 3Page - Littelfuse LH60100-2 Datasheet HTML 4Page - Littelfuse LH60100-2 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
114
Class H/K5 and R Fuse Blocks
600 Volt
[431.8]
[279.4]
[19]
[109.5]
4.31"
4.50"
[317.5]
[114]
17.00"
.75"
8.00"
12.50"
[203]
11.00"
[431.8]
4.50"
[114]
17.00"
4.50"
[114.3]
8.00"
[203]
10.50"
3.31"
9.25"
[235]
[84.1]
[266.7]
[57.2]
3.75"
7.00"
[177.8]
[95.3]
2.25"
[76.2 ]
3.00"
3.75
[368.3]
14.50"
[368.3]
14.50"
7.00"
[177.8]
[95.3]
3.50 "
[88.9]
.66"
2.00"
9.00"
.50"
[229]
[84.1]
3.31"
3.00"
[76.2]
3.01"
1.06"
[76.5]
[102]
4.00"
[244]
[16.8]
[26.0]
3.00"
[31.2]
[76.2]
1.23"
[50.8]
[13]
2.00"
3.00"
.50"
[76.2]
[84.1]
3.31"
3.00"
[76.2]
.312" HEX.
9.62"
9.62"
[244]
[50.8]
[13]
1 POLE
3 POLE
1 POLE
3 POLE
1 POLE
3 POLE
600V 200A
600V 400A
600V 600A


Similar Part No. - LH60100-2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LH60100-PC LITTELFUSE-LH60100-PC Datasheet
446Kb / 1P
   Fuse Blocks, Holders and Accessories
More results

Similar Description - LH60100-2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
J-63 COOPER-J-63 Datasheet
372Kb / 2P
   Class H (K), J and R ferrule and blade fuse reducers
logo
Eaton All Rights Reserv...
H-K EATON-H-K Datasheet
547Kb / 2P
   Class H/K, J and R ferrule and blade fuse reducers
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com