Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH60030-1 Datasheet(PDF) 4 Page - Littelfuse

Part # LH60030-1
Description  Class H/K5 and R Fuse Blocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LH60030-1 Datasheet(HTML) 4 Page - Littelfuse

  LH60030-1 Datasheet HTML 1Page - Littelfuse LH60030-1 Datasheet HTML 2Page - Littelfuse LH60030-1 Datasheet HTML 3Page - Littelfuse LH60030-1 Datasheet HTML 4Page - Littelfuse LH60030-1 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8.13
.87
.61
1.81
TYP.
4.26
1.93
3 POLE
.187 HEX
SOCKET
.28 (7.1) DIA. THRU
.59 (14.9) C'BORE x .64 (16.2) DP.
TYP.
2 POLE
1 POLE
2.10
[53.3]
3.91
[99.3]
5.73
[145.5]
2.60
[66.0]
STRIP
GAUGE
STRIP
GAUGE
STRIP
GAUGE
STRIP
GAUGE
113
Class H/K5 and R Fuse Blocks
600 Volt
6.25"
[159]
6.25"
[159]
6.25"
[159]
1.69"
[42.9]
1.63"
[41.4]
2.94"
[74.7]
4.25"
[108]
3.13"
[79.2]
.62"
[16]
1.56"
[39.6]
3.13"
[79.4]
3.13"
[79.4]
3.13"
[79.4]
.34"
[8.7]
.31"
[7.9]
.38"
[97]
.25"
[6.5]
.69"
[18]
.265" [6.7] DIA. THRU
.05" [12.7] C'BORE
x .44 [11.2] DP.
1 POLE
2 POLE
3 POLE
3.51"
[89.2]
.77"
[19.6]
.27"
[6.8]
.66"
[19.6]
.
62"
[15.7]
3.12"
[79.2]
6.75"
[171.4]
1.95"
[49.5]
.281" D.
[7.1]
.50" D.
[12.7]
1.81"
[46]
1.29"
[32.8]
1.56"
[39.6]
1.56"
[39.6]
5.08"
[1.29]
3.12"
[79.2]
3.12"
[79.2]
2.12"
[53.8]
1 POLE
2 POLE
3 POLE
600V 30A
600V 60A
600V 100A


Similar Part No. - LH60030-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LH60030-PC LITTELFUSE-LH60030-PC Datasheet
446Kb / 1P
   Fuse Blocks, Holders and Accessories
More results

Similar Description - LH60030-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
J-63 COOPER-J-63 Datasheet
372Kb / 2P
   Class H (K), J and R ferrule and blade fuse reducers
logo
Eaton All Rights Reserv...
H-K EATON-H-K Datasheet
547Kb / 2P
   Class H/K, J and R ferrule and blade fuse reducers
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com