Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LJ60060-PC Datasheet(PDF) 1 Page - Littelfuse

Part # LJ60060-PC
Description  Fuse Blocks, Holders and Accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LJ60060-PC Datasheet(HTML) 1 Page - Littelfuse

  LJ60060-PC Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
128
Littelfuse Part Number
For Use With Fuse Block Number
Voltage
Amp
Fuse Class
LH25030-PC
LH25030/LR25030 series
250
30
H/R
LH25060-PC
LH25060/LR25060 series
250
60
H/R
LH25100-PC
LH25100/LR25100 series
250
100
H/R
LH60030-PC
LH60030/LR60030 series
600
30
H/R
LH60060-PC
LH60060/LR60060 series
600
60
H/R
LH60100-PC
LH60100/LR60100 series
600
100
H/R
LJ60030-PC
LJ60030 series only
600
30
J
LJ60060-PC
LJ60060 series only
600
60
J
L60060C-PC
L60060C series only
600
60
CD
ORDERING INFORMATION
Fuse Blocks, Holders and Accessories
SPECIFICATIONS
Voltage Rating: 600 Volts
Ampere Rating: Class H: 0-100 amps
Class R: 0-100 amps
Class J: 0-100 amps
Class CD: 60 amps
Material: Thermoplastic
Approvals: UL Listed (File No: E184929)
CSA Certified (File No: LR7316)
POWR-Covers - Fuse Block Covers
Littelfuse fuse block covers protect personnel from acciden-
tally contacting energized contacts. Covers are available for
Class H, R, J, and CD type fuses up to 100 amps.
I
Meets “Dead Front” requirements and IEC Type IP20
Protection for most applications (see note)
I
Easily gangable with optional “gang-slide” adapters
I
Added safety to personnel
I
Unique design allows Littelfuse IndicatorTM fuses to be
seen through covers
I
Ventilated to avoid fuse derating
I
Covers are reusable
I
Covers fit most competitor blocks
I
Designed to meet IEC Type IP20 Protection
For “Gang Slide” Adapters order:
PCGS-2 for 2 poles
PCGS-3 for 3 poles
NOTE: Contact Factory for specific applications.
FEATURES/BENEFITS
PART NUMBER & APPLICATION
Midget Fuse Puller
MFP: For 3/16" to 1/2" dia. fuses.
Pocket Fuse Puller
LPFP: For 0 – 200A 250V,
0 – 100A 600V
(9/16" – 1-19/32" dia. fuses)
Giant Fuse Puller
GFP: 61 – 600A 250V,
61 – 400A 600V
(1-1/16" – 2-19/32" dia. fuses)
Tri-Puller
097023: For ATO® and glass fuses.
Littelfuse fuse pullers are the safe way
of handling power fuses.
Littelfuse’s new ergonomically-designed
fuse puller offers greater ease in
removing fuses. This new molded design
is superior to standard pullers because it
offers a more comfortable and natural
grip when pulling fuses, improving
performance. Part No. LPFP
Fuse Pullers


Similar Part No. - LJ60060-PC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LJ60060-1 LITTELFUSE-LJ60060-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ60060-1 LITTELFUSE-LJ60060-1 Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LJ60060-2 LITTELFUSE-LJ60060-2 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ60060-2 LITTELFUSE-LJ60060-2 Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LJ60060-3 LITTELFUSE-LJ60060-3 Datasheet
626Kb / 3P
   Class J Fuse Blocks
More results

Similar Description - LJ60060-PC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
571 LITTELFUSE-571 Datasheet
529Kb / 1P
   Fuse Blocks, Holders and Accessories
logo
Advanced Analogic Techn...
LPSJ30-1 ANALOGICTECH-LPSJ30-1 Datasheet
73Kb / 1P
   Fuse Blocks, Holders and Accessories
logo
Littelfuse
LPSC001ID LITTELFUSE-LPSC001ID Datasheet
540Kb / 2P
   Fuse Blocks, Holders and Accessories
L60030C-1C LITTELFUSE-L60030C-1C_06 Datasheet
166Kb / 2P
   Blocks and Holders
LPHV001 LITTELFUSE-LPHV001 Datasheet
148Kb / 1P
   Blocks and Holders
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
   Fuse Holders
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
   Fuse Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
   Fuse Holders
178.6116.2501 LITTELFUSE-178.6116.2501 Datasheet
236Kb / 1P
   Fuse Holders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com