Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCE20A Datasheet(PDF) 2 Page - Littelfuse

Part # LCE20A
Description  Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCE20A Datasheet(HTML) 2 Page - Littelfuse

  LCE20A Datasheet HTML 1Page - Littelfuse LCE20A Datasheet HTML 2Page - Littelfuse LCE20A Datasheet HTML 3Page - Littelfuse LCE20A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Avalanche Diodes
312
www .littelfuse .com
1500W Axial Leaded Transient Voltage Supressors
LCE Series
RoHS
Part
Number
Reverse
Stand off
Voltage GE
VWM
(Volts)
Breakdown
Voltage
VBR (Volts) @ IT
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
ELECTRICAL SPECIFICATION @ Tamb 25°C
LCE6.5A
6.5
7.22
7.98
10
1000
11.2
100
100
75
1.0
100
LCE7.0A
7.0
7.78
8.60
10
500
12.0
100
100
75
1.0
100
LCE7.5A
7.5
8.33
9.21
10
250
12.9
100
100
75
1.0
100
LCE8.0A
8.0
8.89
9.83
1
100
13.6
100
100
75
1.0
100
LCE8.5A
8.5
9.44
10.40
1
50
14.4
100
100
75
1.0
100
LCE9.0A
9.0
10.00
11.10
1
10
15.4
97
100
75
1.0
100
LCE10A
10.0
11.10
12.30
1
5
17.0
88
100
75
1.0
100
LCE11A
11.0
12.20
13.50
1
5
18.2
82
100
75
1.0
100
LCE12A
12.0
13.30
14.70
1
5
19.9
75
100
75
1.0
100
LCE13A
13.0
14.40
15.90
1
5
21.5
70
100
75
1.0
100
LCE14A
14.0
15.60
17.20
1
5
23.2
65
100
75
1.0
100
LCE15A
15.0
16.70
18.50
1
5
24.4
61
100
75
1.0
100
LCE16A
16.0
17.80
19.70
1
5
26.0
57
100
75
1.0
100
LCE17A
17.0
18.90
20.90
1
5
27.6
54
100
75
1.0
100
LCE18A
18.0
20.00
22.10
1
5
29.2
51
100
75
1.0
100
LCE20A
20.0
22.20
24.50
1
5
32.4
46
100
75
1.0
100
LCE22A
22.0
24.40
26.90
1
5
35.5
42
100
75
1.0
100
LCE24A
24.0
26.70
29.50
1
5
38.9
39
100
75
1.0
100
LCE26A
26.0
28.90
31.90
1
5
42.1
36
100
75
1.0
100
LCE28A
28.0
31.10
34.40
1
5
45.5
33
100
75
1.0
100
MIN
MAX
Test
Current
IT (mA)
Maximum
Junction
Capacitance
@ 0 Volts
(pF)
Working
Inverse
Blocking
Voltage
VWIB (Volts)
Working
Inverse
Blocking
Voltage
VWIB (Volts)
Peak
Inverse
Blocking
Voltage
VPIB (Volts)
Note: For parts without A, the VBR is ± 10%.


Similar Part No. - LCE20A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE20A EIC-LCE20A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
LCE20A MERITEK-LCE20A Datasheet
391Kb / 3P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
LCE20A UNSEMI-LCE20A Datasheet
3Mb / 6P
   6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Microsemi Corporation
LCE20A MICROSEMI-LCE20A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Ruilongyuan Electronics...
LCE20A RUILON-LCE20A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - LCE20A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com