Electronic Components Datasheet Search |
|
L4X3 Datasheet(PDF) 4 Page - Littelfuse |
|
L4X3 Datasheet(HTML) 4 Page - Littelfuse |
4 / 8 page Sensitive Triacs Data Sheets http://www.littelfuse.com E1 - 4 ©2004 Littelfuse, Inc. +1 972-580-7777 Thyristor Product Catalog Specified Test Conditions di/dt — Maximum rate-of-change of on-state current; IGT = 50 mA with 0.1 µs rise time dv/dt — Critical rate-of-rise of off-state voltage at rated VDRM gate open dv/dt(c) — Critical rate-of-rise of commutation voltage at rated VDRM and IT(RMS) commutating di/dt = 0.54 rated IT(RMS)/ms; gate unenergized I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms for fusing IDRM — Peak off-state current, gate open; VDRM = max rated value IGT — DC gate trigger current in specific operating quadrants; VD = 12 V dc; RL = 60 Ω IGTM — Peak gate trigger current IH — Holding current gate open; initial on-state current = 100 mA dc IT(RMS) — RMS on-state current conduction angle of 360° ITSM — Peak one-cycle surge PG(AV) — Average gate power dissipation PGM — Peak gate power dissipation; IGT ≤ IGTM tgt — Gate controlled turn-on time; IGT = 50 mA with 0.1 µs rise time VDRM — Repetitive peak off-state/blocking voltage VGT — DC gate trigger voltage; VD = 12 V dc; RL = 60 Ω VTM — Peak on-state voltage at max rated RMS current General Notes • All measurements are made with 60 Hz resistive load and at an ambient temperature of +25 °C unless otherwise specified. • Operating temperature range (TJ) is -65 °C to +110 °C for TO-92 devices and -40 °C to +110 °C for all other devices. • Storage temperature range (TS) is -65 °C to +150 °C for TO-92 devices, -40 °C to +150 °C for TO-202 devices, and -40 °C to +125 °C for TO-220 devices. • Lead solder temperature is a maximum of 230 °C for 10 seconds maximum at a minimum of 1/16” (1.59 mm) from case. • The case or lead temperature (TC or TL) is measured as shown on dimensional outline drawings. See “Package Dimensions” section of this catalog. IT(RMS) Part No. VDRM IGT IDRM Isolated Non-isolated (11) TO-220 TO-252 D-Pak TO-251 V-Pak (1) Volts (3) (6) mAmps (1) (14) mAmps QI QII QIII QIV TC = 25 °C TC = 110 °C MAX See “Package Dimensions” section for variations. (12) MIN MAX MAX 6A L2006L5 L2006D5 L2006V5 200 5555 0.02 0.5 L4006L5 L4006D5 L4006V5 400 5555 0.02 0.5 L6006L5 L6006D5 L6006V5 600 5555 0.02 0.5 L2006L6 L2006D6 L2006V6 200 5 5 5 10 0.02 0.5 L4006L6 L4006D6 L4006V6 400 5 5 5 10 0.02 0.5 L6006L6 L6006D6 L6006V6 600 5 5 5 10 0.02 0.5 L2006L8 L2006D8 L2006V8 200 10 10 10 20 0.02 0.5 L4006L8 L4006D8 L4006V8 400 10 10 10 20 0.02 0.5 L6006L8 L6006D8 L6006V8 600 10 10 10 20 0.02 0.5 8A L2008L6 L2008D6 L2008V6 200 5 5 5 10 0.02 0.5 L4008L6 L4008D6 L4008V6 400 5 5 5 10 0.02 0.5 L6008L6 L6008D6 L6008V6 600 5 5 5 10 0.02 0.5 L2008L8 L2008D8 L2008V8 200 10 10 10 20 0.02 0.5 L4008L8 L4008D8 L4008V8 400 10 10 10 20 0.02 0.5 L6008L8 L6008D8 L6008V8 600 10 10 10 20 0.02 0.5 MT1 MT2 G MT2 MT2 MT1 G MT2 MT2 G MT1 |
Similar Part No. - L4X3 |
|
Similar Description - L4X3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |