Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMWT11001 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # RMWT11001
Description  11-33 GHz Tripler MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMWT11001 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  RMWT11001 Datasheet HTML 1Page - Fairchild Semiconductor RMWT11001 Datasheet HTML 2Page - Fairchild Semiconductor RMWT11001 Datasheet HTML 3Page - Fairchild Semiconductor RMWT11001 Datasheet HTML 4Page - Fairchild Semiconductor RMWT11001 Datasheet HTML 5Page - Fairchild Semiconductor RMWT11001 Datasheet HTML 6Page - Fairchild Semiconductor RMWT11001 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TOANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUMEANY LIABILITY
ARISING OUT OF THEAPPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT
CONVEYANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTENAPPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
ISOPLANAR™
LittleFET™
MICROCOUPLER™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC
OPTOPLANAR™
PACMAN™
POP™
FAST
FASTr™
FPS™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
I2C™
i-Lo™
ImpliedDisconnect™
Rev. I11
ACEx™
ActiveArray™
Bottomless™
CoolFET™
CROSSVOLT™
DOME™
EcoSPARK™
E2CMOS™
EnSigna™
FACT™
FACT Quiet Series™
Power247™
PowerSaver™
PowerTrench
QFET
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
µSerDes™
SILENT SWITCHER
SMART START™
SPM™
Stealth™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TinyLogic
TINYOPTO™
TruTranslation™
UHC™
UltraFET
VCX™
Across the board. Around the world.™
The Power Franchise
Programmable Active Droop™


Similar Part No. - RMWT11001

ManufacturerPart #DatasheetDescription
logo
Rohm
RMW130N03 ROHM-RMW130N03 Datasheet
1Mb / 7P
   4.5V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
RMW130N03 VBSEMI-RMW130N03 Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
logo
Rohm
RMW150N03 ROHM-RMW150N03 Datasheet
1Mb / 7P
   4.5V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
RMW150N03 VBSEMI-RMW150N03 Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
logo
Rohm
RMW180N03 ROHM-RMW180N03 Datasheet
1Mb / 7P
   4.5V Drive Nch MOSFET
More results

Similar Description - RMWT11001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMML0020 MACOM-MAAMML0020 Datasheet
103Kb / 2P
   X -> Ka Band, Connectorised Tripler: 9 - 11 GHz -> 27 - 33 GHz
logo
Fairchild Semiconductor
RMWB33001 FAIRCHILD-RMWB33001 Datasheet
234Kb / 6P
   33 GHz Buffer Amplifier MMIC
RMWB11001 FAIRCHILD-RMWB11001 Datasheet
355Kb / 6P
   11 GHz Buffer Amplifier MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6431 AVAGO-AMMC-6431 Datasheet
307Kb / 9P
   25-33 GHz 0.7W Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-MDB172 HITTITE-HMC-MDB172_09 Datasheet
174Kb / 6P
   GaAs MMIC I/Q MIXER 19 - 33 GHz
HMC-MDB172 HITTITE-HMC-MDB172 Datasheet
179Kb / 8P
   GaAs MMIC I/Q MIXER 19 - 33 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC554LC3B HITTITE-HMC554LC3B_09 Datasheet
194Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC554 HITTITE-HMC554 Datasheet
287Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com