Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA15QS400-2TI Datasheet(PDF) 2 Page - Littelfuse

Part # LA15QS400-2TI
Description  LA15QS Semiconductor Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS400-2TI Datasheet(HTML) 2 Page - Littelfuse

  LA15QS400-2TI Datasheet HTML 1Page - Littelfuse LA15QS400-2TI Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
250
LA15QS250-4TI
4TI
15
27
300
LA15QS300-4
4
22
33
300
LA15QS300-4IL
4IL
22
33
300
LA15QS300-4TI
4TI
22
33
350
LA15QS350-4
4
32
40
350
LA15QS350-4TI
4TI
32
40
400
LA15QS400-4
4
40
45
400
LA15QS400-4IL
4IL
40
45
400
LA15QS400-4TI
4TI
40
45
450
LA15QS450-4
4
50
50
450
LA15QS450-4IL
4IL
50
50
500
LA15QS500-4
4
90
30
500
LA15QS500-4IL
4IL
90
30
600
LA15QS600-4
4
130
35
600
LA15QS600-4IL
4IL
130
35
800
LA15QS800-4
4
290
57
1000
LA15QS1000-4
4
520
75
1000
LA15QS1000-4IL
4IL
520
75
1000
LA15QS1000-4TI
4TI
520
75
1000
LA15QS1000-128
128
540
88
1000
LA15QS1000-128IL
128IL
540
88
1200
LA15QS1200-128
128
680
100
1200
LA15QS1200-128IL
128IL
680
100
1500
LA15QS1500-128
128
1200
130
1500
LA15QS1500-128IL
128IL
1200
130
2000
LA15QS2000-128
128
1900
165
2000
LA15QS2000-128IL
128IL
1900
165
2500
LA15QS2500-128
128
3200
195
2500
LA15QS2500-128IL
128IL
3200
195
3000
LA15QS3000-128
128
4800
240
3000
LA15QS3000-128IL
128IL
4800
240
3500
LA15QS3500-128
128
6500
260
4000
LA15QS4000-128
128
8500
270
4000
LA15QS4000-128IL
128IL
8500
270
5000
LA15QS5000-128
128
Contact Factory Contact Factory
6000
LA15QS6000-128
128
Contact Factory Contact Factory
1
LA15QS1-2
2
0.0002
0.68
2
LA15QS2-2
2
0.001
1.3
3
LA15QS3-2
2
0.003
1.7
4
LA15QS4-2
2
0.007
2.1
5
LA15QS5-2
2
0.012
2.8
6
LA15QS6-2
2
0.022
3.1
7
LA15QS7-2
2
0.011
2.2
8
LA15QS8-2
2
0.015
2.5
10
LA15QS10-2
2
0.019
2.6
12
LA15QS12-2
2
0.030
3
15
LA15QS15-2
2
0.042
3
20
LA15QS20-2
2
0.072
4
25
LA15QS25-2
2
0.14
5.2
30
LA15QS30-2
2
0.25
5.6
35
LA15QS35-1
1
0.21
9
40
LA15QS40-1
1
0.28
10
40
LA15QS40-4TI
4TI
0.39
3.1
45
LA15QS45-1
1
0.34
12
50
LA15QS50-1
1
0.47
13
50
LA15QS50-4
4
0.64
4
55
LA15QS55-1
1
Contact Factory
Contact Factory
60
LA15QS60-1
1
0.94
14
70
LA15QS70-4
4
2
5.6
70
LA15QS70-4TI
4TI
2
5.6
80
LA15QS80-4
4
2.5
8
80
LA15QS80-4TI
4TI
2.5
8
90
LA15QS90-4
4
3.1
9
100
LA15QS100-4
4
3.6
10
100
LA15QS100-4TI
4TI
3.6
10
130
LA15QS130-4
4
5.3
14
130
LA15QS130-4TI
4TI
5.3
14
150
LA15QS150-4
4
6.8
16
150
LA15QS150-4IL
4IL
6.8
16
150
LA15QS150-4TI
4TI
6.8
16
200
LA15QS200-4
4
9
22
200
LA15QS200-4IL
4IL
9
22
250
LA15QS250-4
4
15
22
87
LA15QS Semiconductor Fuses
150 VAC I Very Fast-Acting I 1 – 6000 Amperes
Ampere
Rating
Littelfuse
Catalog
Number
Catalog Numbers & Technical Data
Mounting
Type
Maximum
Clearing I2t
@150 VAC
(A
2
S x 10
3
)
Watts Loss
@ Rated
Current (W)
Ampere
Rating
Littelfuse
Catalog
Number
Mounting
Type
Maximum
Clearing I2t
@150 VAC
(A
2
S x 10
3
)
Watts Loss
@ Rated
Current (W)
1 – 30
2
1
1.50
.41
-
-
-
-
-
-
-
(38.1)
(10.4)
-
-
-
-
-
-
-
35 – 60
1
1
2.00
.81
-
-
-
-
-
-
-
(50.8)
(20.6)
-
-
-
-
-
-
-
70 – 450
4, 4TI*, 4IL* 2, 3*
2.66
1.13
1.16
2.19
1.91
.31
.88
.19
-
(67.6)
(28.7)
(29.5)
(55.6)
(48.5)
(7.9)
(22.4)
(4.8)
-
500 – 1000
4, 4TI*, 4IL* 2, 3*
3.50
1.50
1.25
2.56
1.94
.41
1.00
.25
-
(88.9)
(38.1)
(31.8)
(65.0)
(49.3)
(10.4)
(25.4)
(6.4)
-
750 – 2000
128, 128IL* 4, 5*
1.88
2.00
1.63
1.75
1.00
-
-
-
3/8-24-1/2 deep
(47.88)
(50.8)
(41.4)
(44.5)
(25.4)
-
-
-
-
2500 – 3000
128, 128IL* 4, 5*
1.88
3.00
1.63
2.50
1.50
-
-
-
1/2-20-1/2 deep
(47.88)
(76.2)
(41.4)
(63.5)
(38.1)
-
-
-
-
3500 – 4000
128, 128IL* 6, 7*
1.88
3.50
1.63
3.00
1.06
1.06
-
-
1/2-20-1/2 deep
(47.88)
(88.9)
(41.4)
(76.2)
(27.0)
(27.0)
-
-
-
5000 – 6000
128
8
2.38
5.75
1.88
5.00
1.50
1.50
-
-
1/2-20-1/2 deep
(60.5)
(146)
(47.7)
(127)
(38.1)
(38.1)
-
-
-
AMPERES
MOUNT.
TYPE
DIMENSIONS
Dimensions for reference only.
FIG.
NO.
DIMENSIONS IN INCHES (mm in parentheses)
Tap
A
BCD
E
F
G
H
* Optional Trigger Actuator (IL)
FIGURE 1
FIGURE 2
FIGURE 3
FIGURE 4
FIGURE 5
FIGURE 6
FIGURE 7
FIGURE 8


Similar Part No. - LA15QS400-2TI

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA15QS400-2TI LITTELFUSE-LA15QS400-2TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
More results

Similar Description - LA15QS400-2TI

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LSCR LITTELFUSE-LSCR Datasheet
310Kb / 4P
   Semiconductor Fuses
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
logo
List of Unclassifed Man...
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com