Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F071 Datasheet(PDF) 2 Page - Littelfuse

Part # F071
Description  Fuse Blocks and Clips - For 3AG Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

F071 Datasheet(HTML) 2 Page - Littelfuse

  F071 Datasheet HTML 1Page - Littelfuse F071 Datasheet HTML 2Page - Littelfuse F071 Datasheet HTML 3Page - Littelfuse F071 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fuse Blocks and Clips
489
www .littelfuse .com
For 1/4 Diameter Fuses
ORDERING INFORMATION:
Catalog
Clip
Number
Material*
Finish
Style
102 071
Spring Brass
Tin-plated
Ear
102 074
Spring Brass
Tin-plated
Earless
102 076
Spring Brass
Hot Tin
Ear
122 083
Beryllium Copper
Silver-plated
Ear
122 087
Beryllium Copper
Silver-plated
Earless
122 088
Beryllium Copper
Tin-plated
Ear
122 093
Beryllium Copper
Tin-plated
Earless
Bowed Tab P.C. Board Type
Catalog
Clip
Number
Material*
Finish
Style
102 078
Spring Brass
Tin-plated
Earless
102 079
Spring Brass
Tin-plated
Ear
Low Profile P.C. Board Type
Catalog
Clip
Number
Material*
Finish
Style
102 080
Spring Brass
Tin-plated
Ear
122 090
Beryllium Copper
Silver-plated
Ear
Low Profile P.C. Board Type
Catalog
Clip
Number
Material*
Finish
Style
100 058
Spring Brass
Tin-plated
Ear
*NOTE: Spring brass clips are suitable for current levels up to 15 amperes; beryllium copper clips
up to 30 amperes.
A
.300"
(2 PL.)
.100" DIA. 4 HOLES
RECOMMENDED MOUNTING PATTERN
.31"
.125"
REF.
.06"
.132" REF.
DIA.
HOLE
.37"
.28"
.08"
.42"
.25"
.165"
.33"
A
.300"
(2 PL.)
.070" DIA. 4 HOLES
RECOMMENDED MOUNTING PATTERN
.30"
.28"
.06"
.05"
.11"
.21"
A
.200"
.100"
.052" DIA. 4 HOLES
RECOMMENDED MOUNTING PATTERN
.28"
.192"
REF.
.125" REF.
.03"
.23"
.19"
.04"
Nominal
Length
Fuse Length
“A”
5/8
.750
3/4
.875
7/8
1.000
1
1.125
11/16
1.187
11/4
1.347
17/16
1.562
Nominal
Length
Fuse Length
“A”
5/8
.760
3/4
.880
7/8
1.005
1
1.130
11/16
1.195
11/4
1.380
17/16
1.570
Nominal
Length
Fuse Length
“A”
1
0.781
11/4
1.035
17/16
1.250
Traditional P.C. Board Type
A
.300"
(2 PL.)
.078" DIA. 4 HOLES
RECOMMENDED MOUNTING PATTERN
.28"
.31"
.28"
.06"
.03"R
.42"
.27"
.14"
Nominal
Length
Fuse Length
“A”
5/8
.750
3/4
.875
7/8
1.000
1
1.125
11/16
1.187
11/4
1.347
17/16
1.562
®
®
®
®
Pb
RoHS
Pb
RoHS
Pb
RoHS
Pb
RoHS
14


Similar Part No. - F071

ManufacturerPart #DatasheetDescription
logo
C&K Components
F07010102 CK-COMPONENTS-F07010102 Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F07010106 CK-COMPONENTS-F07010106 Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F07010107 CK-COMPONENTS-F07010107 Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F07010108 CK-COMPONENTS-F07010108 Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F07010112 CK-COMPONENTS-F07010112 Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
More results

Similar Description - F071

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
254 LITTELFUSE-254 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
   Fuse Blocks and Clips
154062 LITTELFUSE-154062 Datasheet
153Kb / 1P
   FUSE BLOCKS AND CLIPS
354000 LITTELFUSE-354000 Datasheet
99Kb / 1P
   Fuse Blocks and Clips
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
   Fuse Blocks and Clips
01000058Z LITTELFUSE-01000058Z Datasheet
303Kb / 4P
   Fuse Blocks and Clips
L60030M-1C LITTELFUSE-L60030M-1C Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
124 LITTELFUSE-124 Datasheet
367Kb / 2P
   High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses
Revised: BA.08/24/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com