Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX86DT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVX86DT
Description  LOW-VOLTAGE CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX86DT Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVX86DT Datasheet HTML 1Page - ON Semiconductor MC74LVX86DT Datasheet HTML 2Page - ON Semiconductor MC74LVX86DT Datasheet HTML 3Page - ON Semiconductor MC74LVX86DT Datasheet HTML 4Page - ON Semiconductor MC74LVX86DT Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC74LVX86
LCX DATA
BR1339 — REV 3
3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Propagation Delay, Input to
Output
VCC = 2.7V
CL = 15pF
CL = 50pF
7.5
10.0
14.5
18.0
1.0
1.0
17.5
21.0
ns
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
5.8
8.3
9.3
12.8
1.0
1.0
11.0
14.5
tOSHL
tOSLH
Output–to–Output Skew
(Note 1.)
VCC = 2.7V
CL = 50pF
VCC = 3.3 ±0.3V
CL = 50pF
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
CAPACITIVE CHARACTERISTICS
Sb l
P
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Min
Typ
Max
Min
Max
Unit
Cin
Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 2.)
18
pF
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin+ ICC / 4(pergate).CPDisusedtodeterminetheno–load
dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 3.3V, Measured in SOIC Package)
Sb l
Ch
i i
TA = 25°C
Ui
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
–0.3
–0.5
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
Figure 3. Switching Waveforms
VCC
GND
50%
50% VCC
A or B
O
tPHL
tPLH
* Includes all probe and jig capacitance
Figure 4. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT


Similar Part No. - MC74LVX86DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX86DT MOTOROLA-MC74LVX86DT Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX86DTR2G ONSEMI-MC74LVX86DTR2G Datasheet
105Kb / 5P
   Quad 2-Input XOR Gate
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVX86DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
   LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
   CMOS, Low Voltage
Rev. E
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
   LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
   LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com