Part Name
         Description
QTLP660C-B

 SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens) ( 7 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 1 page
background image
2/12/03
PACKAGE DIMENSIONS
Page 1 of 7
© 2003 Fairchild Semiconductor Corporation
QTLP660C-2 HER
QTLP660C-3 Yellow
QTLP660C-4 Green
QTLP660C-7 AlGaAs Red
QTLP660C-B Blue
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 1.8mm (Dome Lens)
APPLICATIONS
Backlighting
Status indication for consumer electronics and other
equipment
DESCRIPTION
These surface mount chip LEDs are designed with a 1.8 mm dome lens that focuses the light output.
FEATURES
Small footprint - 3.2(L) X 2.4(W) X 2.6(H) mm
Narrow viewing angle of 30°
Water clear
Moisture-proof packaging
Available in 0.315" (8mm) width tape on 7" (178mm) diameter reel; 2,000 units per reel
0.091 (2.3)
0.083 (2.1)
0.102 (2.6)
0.087 (2.2)
0.134 (3.40)
0.118 (3.00)
0.028 (0.7)
0.020 (0.5)
0.024 (0.6)
0.016 (0.4)
0.106 (2.7)
0.098 (2.5)
0.079 (2.0)
7
°
Ø0.075 (1.9)
Ø0.067 (1.7)
R0.004 (0.1)
POLARITY MARK
(See Note 2)
5
°
+
- for -2, -3, -4 and -B
for -7
POLARITY
SIDE
TOP
BOTTOM
NOTE:
1. Dimensions for all drawings are in inches (mm).
2. Cathode for -2, -3, -4 and B. Anode for -7.



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
QTLP651CSURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Inner Lens 1 2 3 4 5 MoreFairchild Semiconductor
QTLP653CSURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Reverse Mount with Inner Lens 1 2 3 4 5 MoreFairchild Semiconductor
QTLP660CSURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm Dome Lens 1 2 3 4 5 MoreFairchild Semiconductor
QTLP600CSURFACE MOUNT LED LAMP STANDARD BRIGHT 0606 1 2 3 4 5 MoreFairchild Semiconductor
QTLP601CSURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 0.6 mm Height 1 2 3 4 5 MoreFairchild Semiconductor
QTLP610CSURFACE MOUNT LED LAMP STANDARD BRIGHT RIGHT ANGLE 1 2 3 4 5 MoreFairchild Semiconductor
QTLP630CSURFACE MOUNT LED LAMP STANDARD BRIGHT 0805 1 2 3 4 5 MoreFairchild Semiconductor
QTLP650CSURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor
QTLP652CSURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Reverse Mount 1 2 3 4 5 MoreFairchild Semiconductor
QTLP670CSURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl