Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP660C-B Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # QTLP660C-B
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP660C-B Datasheet(HTML) 6 Page - Fairchild Semiconductor

  QTLP660C-B Datasheet HTML 1Page - Fairchild Semiconductor QTLP660C-B Datasheet HTML 2Page - Fairchild Semiconductor QTLP660C-B Datasheet HTML 3Page - Fairchild Semiconductor QTLP660C-B Datasheet HTML 4Page - Fairchild Semiconductor QTLP660C-B Datasheet HTML 5Page - Fairchild Semiconductor QTLP660C-B Datasheet HTML 6Page - Fairchild Semiconductor QTLP660C-B Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2/12/03
QTLP660C-2 HER
QTLP660C-3 Yellow
QTLP660C-4 Green
QTLP660C-7 AlGaAs Red
QTLP660C-B Blue
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 1.8mm (Dome Lens)
Page 6 of 7
© 2003 Fairchild Semiconductor Corporation
TAPE AND REEL DIMENSIONS
2.5
±0.5
Ø178.0
±1.0
Ø13.0
±0.5
2.5
±0.5
13.2
±1.5
16.0
±0.2
Ø60.2
±0.5
Progressive direction
2.0
±0.05
4.0
4.0
0.230
±0.1
1.55
±0.05
2.6
2.75
for -2, -3, -4 and -B
Dimensional tolerance is
± 0.1mm unless otherwise specified
Angle:
± 0.5
Unit: mm
Polarity marks on the sprocket side.
Polarity
(sprocket)


Similar Part No. - QTLP660C-B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP660C-AG FAIRCHILD-QTLP660C-AG Datasheet
158Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP660C-E FAIRCHILD-QTLP660C-E Datasheet
158Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP660C-IB FAIRCHILD-QTLP660C-IB Datasheet
158Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP660C-IG FAIRCHILD-QTLP660C-IG Datasheet
158Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP660C-O FAIRCHILD-QTLP660C-O Datasheet
158Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
More results

Similar Description - QTLP660C-B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP660C FAIRCHILD-QTLP660C Datasheet
158Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP651C FAIRCHILD-QTLP651C Datasheet
402Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Inner Lens
QTLP653C7TR FAIRCHILD-QTLP653C7TR Datasheet
360Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount with Inner Lens)
QTLP653C FAIRCHILD-QTLP653C Datasheet
354Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount with Inner Lens)
logo
P-tec Corporation
PL011-CDR12 P-TEC-PL011-CDR12_14 Datasheet
76Kb / 1P
   1.8mm Round Dome Lens
PL011-CDY01 P-TEC-PL011-CDY01_14 Datasheet
76Kb / 1P
   1.8mm Round Dome Lens
PL011-CDG13 P-TEC-PL011-CDG13_14 Datasheet
75Kb / 1P
   1.8mm Round Dome Lens
PL011-CDR24 P-TEC-PL011-CDR24_14 Datasheet
76Kb / 1P
   1.8mm Round Dome Lens
logo
Fairchild Semiconductor
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com