Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP650C-24 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # QTLP650C-24
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP650C-24 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  QTLP650C-24 Datasheet HTML 1Page - Fairchild Semiconductor QTLP650C-24 Datasheet HTML 2Page - Fairchild Semiconductor QTLP650C-24 Datasheet HTML 3Page - Fairchild Semiconductor QTLP650C-24 Datasheet HTML 4Page - Fairchild Semiconductor QTLP650C-24 Datasheet HTML 5Page - Fairchild Semiconductor QTLP650C-24 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
12/11/03
Page 5 of 6
© 2002 Fairchild Semiconductor Corporation
QTLP650C-23 HER/Yellow
QTLP650C-24 HER/Green
QTLP650C-34 Yellow/Green
QTLP650C-74 AlGaAs Red/Green
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 1210
TAPE AND REEL DIMENSIONS
Ø12.75
2.5
±0.5
11.0
+0.5
-0.0
+0.25
-0.0
+1.5
8.4 -0.0
Progressive direction
Polarity
2.0
±0.05
Ø1.55.
±05
4.0
4.0
Dimensional tolerance is
± 0.1mm unless otherwise specified
Angle:
± 0.5
Unit: mm
0.23
1.65
2.95


Similar Part No. - QTLP650C-24

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP650C-24 FAIRCHILD-QTLP650C-24 Datasheet
88Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
More results

Similar Description - QTLP650C-24

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP650C24TR FAIRCHILD-QTLP650C24TR Datasheet
88Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP600C-23 FAIRCHILD-QTLP600C-23 Datasheet
184Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP650C FAIRCHILD-QTLP650C Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP680C FAIRCHILD-QTLP680C Datasheet
435Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
QTLP600C FAIRCHILD-QTLP600C Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP630C4TR FAIRCHILD-QTLP630C4TR Datasheet
94Kb / 6P
   Surface Mount LED Lamp, Standard Bright 0805
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com