Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX573M Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX573M
Description  Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX573M Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX573M Datasheet HTML 1Page - ON Semiconductor MC74LVX573M Datasheet HTML 2Page - ON Semiconductor MC74LVX573M Datasheet HTML 3Page - ON Semiconductor MC74LVX573M Datasheet HTML 4Page - ON Semiconductor MC74LVX573M Datasheet HTML 5Page - ON Semiconductor MC74LVX573M Datasheet HTML 6Page - ON Semiconductor MC74LVX573M Datasheet HTML 7Page - ON Semiconductor MC74LVX573M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LVX573
http://onsemi.com
4
CAPACITIVE CHARACTERISTICS
TA = 25°C
TA = − 40 to 85°C
Symbol
Parameter
Min
Typ
Max
Min
Max
Unit
Cin
Input Capacitance
4
10
10
pF
Cout
Maximum 3−State Output Capacitance
6
pF
CPD
Power Dissipation Capacitance (Note 2)
29
pF
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 8 (per latch). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 3.3 V, Measured in SOIC Package)
TA = 25°C
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.5
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.5
−0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
TIMING REQUIREMENTS (Input tr = tf = 3.0 ns)
TA = 25°C
TA = − 40 to 85°C
Symbol
Parameter
Test Conditions
Typ
Limit
Limit
Unit
tw(h)
Minimum Pulse Width, LE
VCC = 2.7 V
VCC = 3.3 ± 0.3 V
6.5
5.0
7.5
5.0
ns
tsu
Minimum Setup Time, D to LE
VCC = 2.7 V
VCC = 3.3 ± 0.3 V
5.0
3.5
5.0
3.5
ns
th
Minimum Hold Time, D to LE
VCC = 2.7 V
VCC = 3.3 ± 0.3 V
1.5
1.5
1.5
1.5
ns
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX573DWR2
SOIC−20
1000 / Tape & Reel
MC74LVX573DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74LVX573DT
TSSOP−20*
75 Units / Rail
MC74LVX573DTR2
TSSOP−20*
2500 / Tape & Reel
MC74LVX573M
SOEIAJ−20
50 Units / Rail
MC74LVX573MG
SOEIAJ−20
(Pb−Free)
50 Units / Rail
MC74LVX573MEL
SOEIAJ−20
2000 / Tape & Reel
MC74LVX573MELG
SOEIAJ−20
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - MC74LVX573M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX573M MOTOROLA-MC74LVX573M Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
More results

Similar Description - MC74LVX573M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX373 ONSEMI-MC74LVX373 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374 Datasheet
101Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com