Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLM28 Datasheet(PDF) 1 Page - Littelfuse

Part # FLM28
Description  Axial Lead and Cartridge Fuses - Midget
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FLM28 Datasheet(HTML) 1 Page - Littelfuse

  FLM28 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
442
www .littelfuse .com
Midget
250 Volt Slo-Blo® Type Fuse FLM Series
1000
100
10
1
0.1
0.01
10
100
1000
0.1
1
CURRENT IN AMPERES
Cartridge
Nominal
Catalog
Ampere
AC Voltage
Resistance
Number
Rating
Rating
Cold Ohms
FLM 1/10
.100
250
188.0
FLM 15/100
.150
250
87.0
FLM 2/10
.200
250
35.109
FLM 1/4
.250
250
5.413
FLM 3/10
.300
250
3.79
FLM 4/10
.400
250
2.10
FLM 1/2
.500
250
1.54
FLM 6/10
.600
250
1.024
FLM 8/10
.800
250
.623
FLM 1
1
250
.395
FLM 11/8
1.125
250
.356
FLM 11/4
1.25
250
.286
FLM 14/10
1.4
250
.253
FLM 11/2
1.5
250
.219
FLM 16/10
1.6
250
.184
FLM 18/10
1.8
250
.162
FLM 2
2
250
.125
FLM 21/4
2.25
250
.102
FLM 21/2
2.5
250
.0904
FLM 28/10
2.8
250
.0735
FLM 3
3
250
.0700
FLM 32/10
3.2
250
.0576
FLM 31/2
3.5
250
.0517
FLM 4
4
250
.0426
FLM 41/2
4.5
250
.0360
FLM 5
5
250
.0413
FLM 56/10
5.6
250
.0326
FLM 6
6
250
.0280
FLM 61/4
6.25
250
.0277
FLM 7
7
250
.02133
FLM 8
8
250
.01247
FLM 9
9
250
.01066
FLM 10
10
250
.00903
FLM 12
12
250
.00698
FLM 15
15
250
.00530
FLM 20
20
250
.00385
FLM 25
25
250
.00275
FLM 30
30
250
.00226
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
135%
1/10-30
1 hour, Maximum
32/10 –30
12 seconds, Minimum
200%
0–3
5 seconds, Minimum
AGENCY APPROVALS: Listed by Underwriters Laboratories
and Certified by CSA.
INTERRUPTING RATING: 10,000 amperes at 250 VAC.
FUSES TO MIL SPEC: See F09B type in Military Section.
PATENTED
ORDERING INFORMATION:
Average Time Current Curves
38.1
(1.50")
10.31
(.406")
®
UL
®
QPL


Similar Part No. - FLM28

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FLM LITTELFUSE-FLM Datasheet
430Kb / 1P
   Slow-Blo Type Fuse FLM Series
logo
Carlo Gavazzi Holding A...
FLM CARLOGAVAZZI-FLM Datasheet
44Kb / 2P
   Proximity Magnetic Sensors Flux Sensors FLM Series
logo
M-System Co.,Ltd.
FLM MSYSTEM-FLM Datasheet
114Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FLM-00-K MSYSTEM-FLM-00-K Datasheet
114Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FLM-00-K/Q MSYSTEM-FLM-00-K/Q Datasheet
114Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FLM28

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLKD LITTELFUSE-KLKD Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
FLQ LITTELFUSE-FLQ Datasheet
35Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
BLF30 LITTELFUSE-BLF30 Datasheet
78Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
KLK LITTELFUSE-KLK Datasheet
39Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
KLQ LITTELFUSE-KLQ Datasheet
71Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
BLS10 LITTELFUSE-BLS10 Datasheet
37Kb / 1P
   Axial Lead and Cartridge Fuses- Special Midget
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com