Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL5BXXX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GL5BXXX
Description  HIGH-LUMINOSITY LED LAMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL5BXXX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GL5BXXX Datasheet HTML 1Page - List of Unclassifed Manufacturers GL5BXXX Datasheet HTML 2Page - List of Unclassifed Manufacturers GL5BXXX Datasheet HTML 3Page - List of Unclassifed Manufacturers GL5BXXX Datasheet HTML 4Page - List of Unclassifed Manufacturers GL5BXXX Datasheet HTML 5Page - List of Unclassifed Manufacturers GL5BXXX Datasheet HTML 6Page - List of Unclassifed Manufacturers GL5BXXX Datasheet HTML 7Page - List of Unclassifed Manufacturers GL5BXXX Datasheet HTML 8Page - List of Unclassifed Manufacturers GL5BXXX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LED
98
LED LAMP
Cylinder
GL3PR8 series
GL3PR44 series
GL3HY43 series
GL3KG62 series
LT3E31W series
GL3PR63 series
LT3E65W series
GL4PR8 series
GL5PR4 series
GL5HS8 series
GL5KG41 series
GL5PR44 series
GL5EG40 series
GL5HY43 series
GL5EG60 series
GL6EG11T
GL5HD47 series
Oval
Convex
Arch
GL6EG26T
GL2HY6
GL8EG2 series
GL8HD4 series
Rectangle
GL8KG42 series
GL8KG25 series
GL8HY29 series
GL8HD23 series
GL8HS21 series
GL8HY26 series
Square
Triangle
GL8HD22 series
GL8PR28
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in
equipment using any SHARP devices shown in catalogs, data books, etc.
Except where specially indicated, models listed on this page comply with the RoHS Directive*. For details, please contact SHARP.
*RoHS Directive: Prohibits use of lead, cadmium, hexavalent chromium, mercury and specific brominated flame retardants
(PBBs and PBDEs), with certain exceptions.
Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.


Similar Part No. - GL5BXXX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL513 SHARP-GL513 Datasheet
45Kb / 4P
   TO-18 Type Infrared Emitting Diode
GL513F SHARP-GL513F Datasheet
45Kb / 4P
   TO-18 Type Infrared Emitting Diode
GL514 SHARP-GL514 Datasheet
45Kb / 4P
   TO-18 Type Infrared Emitting Diode
GL527 SHARP-GL527 Datasheet
137Kb / 3P
   5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL528 SHARP-GL528 Datasheet
137Kb / 3P
   5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
More results

Similar Description - GL5BXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5TR43 ETC-GL5TR43 Datasheet
81Kb / 3P
   Super-luminosity LED Lamp/High-luminosity LED Lamp
logo
Sharp Corporation
GL8T156 SHARP-GL8T156 Datasheet
463Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
Everlight Electronics C...
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
logo
Sharp Corporation
GL8UR4 SHARP-GL8UR4 Datasheet
45Kb / 2P
   2.0 X 3.1mm, Arch Type, Colored Transparency, High-luminosity LED Lamp for Indicator
logo
Everlight Electronics C...
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com