Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSQC6110W Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MSQC6110W
Description  14mm (0.56 inch) Four Digit CLOCK STICK DISPLAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MSQC6110W Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MSQC6110W Datasheet HTML 1Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 2Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 3Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 4Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 5Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 6Page - Fairchild Semiconductor MSQC6110W Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
7/17/03
Page 3 of 7
© 2003 Fairchild Semiconductor Corporation
14mm (0.56 inch) Four Digit
CLOCK STICK DISPLAY
Bright Red MSQC6110W, MSQC6140W
High Efficiency Red MSQC6910W, MSQC6940W
Green MSQC6410W, MSQC6440W
MSQC6XX0W
YWW
LL
H
A
Digit 1
Date Code
Part Number
Pin #1
Light Category
Pin #18
Hue (Wavelength)
Yellow and Green Only
Digit 2
Digit 3
Digit 4
F
E
D
C
G
B
Dp1
Dp2
Dp3
Dp4
PIN ORIENTATION, SEGMENT IDENTIFICATION, AND PRODUCT MARKING
SCHEMATICS
32
MSQC6X10W
Common Anode
MSQC6X40W
Common Cathode
AB CD E
F G Dp
34 33 3
2
1 36 35 4
AB CD E
F G Dp
29 28 8
6
5 30 7
9
AB CD E
F G Dp
24 23 12 11 10 26 25 27
AB CD E
F G Dp
20 19 18 16 15 21 17 22
31
13
14
32
AB CD E
F G Dp
34 33 3
2
1 36 35 4
AB CD E
F G Dp
29 28 8
6
5 30 7
9
AB CD E
F G Dp
24 23 12 11 10 26 25 27
AB CD E
F G Dp
20 19 18 16 15 21 17 22
31
13
14


Similar Part No. - MSQC6110W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSQC6110C FAIRCHILD-MSQC6110C Datasheet
337Kb / 7P
   14mm (0.56 inch) Four Digit CLOCK STICK DISPLAY
More results

Similar Description - MSQC6110W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSQC6110C FAIRCHILD-MSQC6110C Datasheet
337Kb / 7P
   14mm (0.56 inch) Four Digit CLOCK STICK DISPLAY
MSQC6412C FAIRCHILD-MSQC6412C Datasheet
354Kb / 7P
   14mm (0.56 inch) Four Digit MULTIPLEX CLOCK STICK DISPLAY
MSQ6110C FAIRCHILD-MSQ6110C Datasheet
285Kb / 7P
   0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY
MSQ6111C FAIRCHILD-MSQ6111C Datasheet
277Kb / 7P
   0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY
logo
OptoSupply Internationa...
OSL40562-IW OPTOSUPPLY-OSL40562-IW Datasheet
256Kb / 2P
   0.56 Inch Four Digit Display
OSL40562-IX OPTOSUPPLY-OSL40562-IX Datasheet
256Kb / 2P
   0.56 Inch Four Digit Display
logo
Fairchild Semiconductor
MAN6110E FAIRCHILD-MAN6110E Datasheet
283Kb / 7P
   0.56 INCH (14.2 MM) DUAL DIGIT STICK DISPLAY
MAN6160E FAIRCHILD-MAN6160E Datasheet
269Kb / 7P
   0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY
MST6110C FAIRCHILD-MST6110C Datasheet
277Kb / 7P
   0.56 INCH (14.2 MM) THREE DIGIT STICK DISPLAY
MST6111C FAIRCHILD-MST6111C Datasheet
278Kb / 7P
   0.56 INCH (14.2 MM) THREE DIGIT STICK DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com