Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC74LVX8051 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC74LVX8051
Description  Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 5 page
background image
MC74LVX8051
http://onsemi.com
5
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
VCC
Limit*
Symbol
Parameter
Condition
VCC
V
25
°C
Unit
BW
Maximum On–Channel Bandwidth
Mi i
F
R
fin = 1MHz Sine Wave; Adjust fin Voltage to Obtain
0dB
t V
I
f
F
U til dB
MHz
or Minimum Frequency Response
(Figure 6)
0dBm at VOS; Increase fin Frequency Until dB
Meter Reads –3dB;
RL = 50Ω, CL = 10pF
3.0
4.5
5.5
80
80
80
Off–Channel Feedthrough Isolation
(Figure 7)
fin = Sine Wave; Adjust fin Voltage to Obtain 0dBm
at VIS
fin = 10kHz, RL = 600Ω, CL = 50pF
3.0
4.5
5.5
–50
–50
–50
dB
fin = 1.0MHz, RL = 50Ω, CL = 10pF
3.0
4.5
5.5
–37
–37
–37
Feedthrough Noise.
Channel–Select Input to Common
I/O (Figure 8)
Vin ≤ 1MHz Square Wave (tr = tf = 6ns); Adjust RL
at Setup so that IS = 0A;
Enable = GND
RL = 600Ω, CL = 50pF
3.0
4.5
5.5
25
105
135
mVPP
RL = 10kΩ, CL = 10pF
3.0
4.5
5.5
35
145
190
THD
Total Harmonic Distortion
(Figure 14)
fin = 1kHz, RL = 10kΩ, CL = 50pF
THD = THDmeasured – THDsource
VIS = 2.0VPP sine wave
VIS = 4.0VPP sine wave
VIS = 5.0VPP sine wave
3.0
4.5
5.5
0.10
0.08
0.05
%
*Limits not tested. Determined by design and verified by qualification.
Figure 1a. Typical On Resistance, VCC = 3.0 V
25
20
15
10
5
0
0.5
1.5
1.0
2.0
2.5
3.0
3.5
VIN, INPUT VOLTAGE (VOLTS)
85
°C
–55
°C
125
°C
0
25
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS8701HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1507Integrated Circuit 10-Step Adjustable Analog Level Detector 1 2 3 NTE Electronics
MC74LVX8053Analog Multiplexer/Demultiplexer 1 2 3 4 5 MoreON Semiconductor
74HC4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
TEA1097Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer 1 2 3 4 5 MoreNXP Semiconductors
M491BSINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL 1 2 3 4 5 MoreSTMicroelectronics
HV20220Low Charge Injection 8-Channel High Voltage Analog Switch 1 2 3 4 5 MoreSupertex, Inc
SN54LV4053ATRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS 1 2 3 4 5 MoreTexas Instruments
TK15211Audio Analog Switch 1 2 3 4 5 MoreTOKO, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl