Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC74LVX8051 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74LVX8051
Description  Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 4 page
background image
MC74LVX8051
http://onsemi.com
4
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 3 ns)
VCC
Guaranteed Limit
Symbol
Parameter
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Channel–Select to Analog Output
(Figure 9)
2.0
3.0
4.5
5.5
30
20
15
15
35
25
18
18
40
30
22
20
ns
tPLH,
tPHL
Maximum Propagation Delay, Analog Input to Analog Output
(Figure 10)
2.0
3.0
4.5
5.5
4.0
3.0
1.0
1.0
6.0
5.0
2.0
2.0
8.0
6.0
2.0
2.0
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Enable to Analog Output
(Figure 11)
2.0
3.0
4.5
5.5
30
20
15
15
35
25
18
18
40
30
22
20
ns
tPZL,
tPZH
Maximum Propagation Delay, Enable to Analog Output
(Figure 11)
2.0
3.0
4.5
5.5
20
12
8.0
8.0
25
14
10
10
30
15
12
12
ns
Cin
Maximum Input Capacitance, Channel–Select or Enable Inputs
10
10
10
pF
CI/O
Maximum Capacitance
Analog I/O
35
35
35
pF
(All Switches Off)
Common O/I
130
130
130
Feedthrough
1.0
1.0
1.0
CPD
Typical @ 25
°C, VCC = 5.0 V
pF
Power Dissipation Capacitance (Figure 13)*
45
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS8701HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1507Integrated Circuit 10-Step Adjustable Analog Level Detector 1 2 3 NTE Electronics
MC74LVX8053Analog Multiplexer/Demultiplexer 1 2 3 4 5 MoreON Semiconductor
74HC4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
TEA1097Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer 1 2 3 4 5 MoreNXP Semiconductors
M491BSINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL 1 2 3 4 5 MoreSTMicroelectronics
HV20220Low Charge Injection 8-Channel High Voltage Analog Switch 1 2 3 4 5 MoreSupertex, Inc
SN54LV4053ATRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS 1 2 3 4 5 MoreTexas Instruments
TK15211Audio Analog Switch 1 2 3 4 5 MoreTOKO, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl