Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC74LVX8051 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC74LVX8051
Description  Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 3 page
background image
MC74LVX8051
http://onsemi.com
3
DC CHARACTERISTICS — Digital Section (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Condition
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
VIH
Minimum High–Level Input
Voltage, Channel–Select or
Enable Inputs
Ron = Per Spec
2.0
3.0
4.5
5.5
1.50
2.10
3.15
3.85
1.50
2.10
3.15
3.85
1.50
2.10
3.15
3.85
V
VIL
Maximum Low–Level Input
Voltage, Channel–Select or
Enable Inputs
Ron = Per Spec
2.0
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
Iin
Maximum Input Leakage Current,
Channel–Select or Enable Inputs
Vin = VCC or GND
5.5
± 0.1
± 1.0
± 1.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Channel Select, Enable and
VIS = VCC or GND;
VIO = 0 V
5.5
4.0
40
160
µA
DC ELECTRICAL CHARACTERISTICS Analog Section
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
Ron
Maximum “ON” Resistance
Vin = VIL or VIH
VIS = VCC to GND
|IS| v 10.0 mA (Figures 1, 2)
3.0
4.5
5.5
30
25
20
35
28
25
40
35
30
Vin = VIL or VIH
VIS = VCC or GND (Endpoints)
|IS| v 10.0 mA (Figures 1, 2)
3.0
4.5
5.5
30
25
20
35
28
25
40
35
30
∆Ron
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
Vin = VIL or VIH
VIS = 1/2 (VCC – GND)
|IS| v 10.0 mA
3.0
4.5
5.5
15
8.0
8.0
20
12
12
25
15
15
Ioff
Maximum Off–Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 3)
5.5
0.1
0.5
1.0
µA
Maximum Off–Channel
Leakage Current,
Common Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 4)
5.5
0.2
2.0
4.0
Ion
Maximum On–Channel
Leakage Current,
Channel–to–Channel
Vin = VIL or VIH;
Switch–to–Switch =
VCC or GND; (Figure 5)
5.5
0.2
2.0
4.0
µA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS8701HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1507Integrated Circuit 10-Step Adjustable Analog Level Detector 1 2 3 NTE Electronics
MC74LVX8053Analog Multiplexer/Demultiplexer 1 2 3 4 5 MoreON Semiconductor
74HC4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
TEA1097Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer 1 2 3 4 5 MoreNXP Semiconductors
M491BSINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL 1 2 3 4 5 MoreSTMicroelectronics
HV20220Low Charge Injection 8-Channel High Voltage Analog Switch 1 2 3 4 5 MoreSupertex, Inc
SN54LV4053ATRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS 1 2 3 4 5 MoreTexas Instruments
TK15211Audio Analog Switch 1 2 3 4 5 MoreTOKO, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl