Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC74LVX8051 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC74LVX8051
Description  Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 2 page
background image
MC74LVX8051
http://onsemi.com
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
(Referenced to GND)
– 0.5 to + 7.0
V
VIS
Analog Input Voltage
– 0.5 to VCC + 0.5
V
Vin
Digital Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
I
DC Current, Into or Out of Any Pin
± 20
mA
PD
Power Dissipation in Still Air,
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature Range
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
†Derating — SOIC Package: – 7 mW/
_C from 65_ to 125_C
TSSOP Package: – 6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
(Referenced to GND)
2.0
6.0
V
VIS
Analog Input Voltage
0.0
VCC
V
Vin
Digital Input Voltage (Referenced to GND)
GND
VCC
V
VIO*
Static or Dynamic Voltage Across Switch
1.2
V
TA
Operating Temperature Range, All Package Types
– 55
+ 85
_C
tr, tf
Input Rise/Fall Time
(Channel Select or Enable Inputs)
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
100
20
ns/V
*For voltage drops across switch greater than 1.2 V (switch on), excessive VCC current may
be drawn; i.e., the current out of the switch may contain both VCC and switch input
components. The reliability of the device will be unaffected unless the Maximum Ratings are
exceeded.
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS8701HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1507Integrated Circuit 10-Step Adjustable Analog Level Detector 1 2 3 NTE Electronics
MC74LVX8053Analog Multiplexer/Demultiplexer 1 2 3 4 5 MoreON Semiconductor
74HC4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
TEA1097Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer 1 2 3 4 5 MoreNXP Semiconductors
M491BSINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL 1 2 3 4 5 MoreSTMicroelectronics
HV20220Low Charge Injection 8-Channel High Voltage Analog Switch 1 2 3 4 5 MoreSupertex, Inc
SN54LV4053ATRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS 1 2 3 4 5 MoreTexas Instruments
TK15211Audio Analog Switch 1 2 3 4 5 MoreTOKO, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl