Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX8051 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LVX8051
Description  Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX8051 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LVX8051 Datasheet HTML 1Page - ON Semiconductor MC74LVX8051 Datasheet HTML 2Page - ON Semiconductor MC74LVX8051 Datasheet HTML 3Page - ON Semiconductor MC74LVX8051 Datasheet HTML 4Page - ON Semiconductor MC74LVX8051 Datasheet HTML 5Page - ON Semiconductor MC74LVX8051 Datasheet HTML 6Page - ON Semiconductor MC74LVX8051 Datasheet HTML 7Page - ON Semiconductor MC74LVX8051 Datasheet HTML 8Page - ON Semiconductor MC74LVX8051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 1999
October, 1999 – Rev. 1.0
1
Publication Order Number:
MC74LVX8051/D
MC74LVX8051
Analog Multiplexer /
Demultiplexer
High–Performance Silicon–Gate CMOS
The MC74LVX8051 utilizes silicon–gate CMOS technology to
achieve fast propagation delays, low ON resistances, and low OFF
leakage currents. This analog multiplexer/demultiplexer controls
analog voltages that may vary across the complete power supply range
(from VCC to GND).
The LVX8051 is similar in pinout to the high–speed HC4051A and
the metal–gate MC14051B. The Channel–Select inputs determine
which one of the Analog Inputs/Outputs is to be connected, by means
of an analog switch, to the Common Output/Input. When the Enable
pin is HIGH, all analog switches are turned off.
The Channel–Select and Enable inputs are compatible with standard
CMOS outputs; with pull–up resistors they are compatible with
LSTTL outputs.
This device has been designed so that the ON resistance (Ron) is
more linear over input voltage than Ron of metal–gate CMOS analog
switches.
Fast Switching and Propagation Speeds
Low Crosstalk Between Switches
Diode Protection on All Inputs/Outputs
Analog Power Supply Range (VCC – GND) = 2.0 to 6.0 V
Digital (Control) Power Supply Range (VCC – GND) = 2.0 to 6.0 V
Improved Linearity and Lower ON Resistance Than Metal–Gate
Counterparts
Low Noise
In Compliance With the Requirements of JEDEC Standard No. 7A
Chip Complexity: LVX8051 — 184 FETs or 46 Equivalent Gates
LOGIC DIAGRAM
MC74LVX8051
Single–Pole, 8–Position Plus Common Off
X0
13
X1
14
X2
15
X3
12
X4
1
X5
5
X6
2
X7
4
A
11
B
10
C
9
ENABLE
6
MULTIPLEXER/
DEMULTIPLEXER
X
3
ANALOG
INPUTS/
CHANNEL
INPUTS
PIN 16 = VCC
PIN 8 = GND
COMMON
OUTPUT/
INPUT
OUTPUTS
SELECT
16–LEAD SOIC
D SUFFIX
CASE 751B
http://onsemi.com
L
L
L
L
H
H
H
H
X
L
L
H
H
L
L
H
H
X
L
H
L
H
L
H
L
H
X
FUNCTION TABLE – MC74LVX8051
Control Inputs
ON Channels
Enable
Select
CBA
X0
X1
X2
X3
X4
X5
X6
X7
NONE
L
L
L
L
L
L
L
L
H
X = Don’t Care
16–LEAD TSSOP
DT SUFFIX
CASE 948F
15
16
14
13
12
11
10
2
1
3
4567
VCC
9
8
X2
X1
X0
X3
A
B
C
X4
X6
X
X7
X5
Enable
NC
GND
PIN CONNECTION AND
MARKING DIAGRAM (Top View)
Device
Package
Shipping
ORDERING INFORMATION
MC74LVX8051D
SOIC
48 Units/Rail
MC74LVX8051DT
TSSOP
96 Units/Rail
For detailed package marking information, see the Marking
Diagram section on page 11 of this data sheet.


Similar Part No. - MC74LVX8051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX8051 ONSEMI-MC74LVX8051 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX8051DR2 ONSEMI-MC74LVX8051DR2 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVX8051DR2G ONSEMI-MC74LVX8051DR2G Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVX8051DR2G ONSEMI-MC74LVX8051DR2G Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
More results

Similar Description - MC74LVX8051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com