Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC74LVX8051 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC74LVX8051
Description  Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 6 page
background image
MC74LVX8051
http://onsemi.com
6
Figure 1b. Typical On Resistance, VCC = 4.5 V
Figure 1c. Typical On Resistance, VCC = 5.5 V
20
16
10
8
2
0
1.0
2.0
4.0
3.0
5.0
VIN, INPUT VOLTAGE (VOLTS)
85
°C
–55
°C
125
°C
0
25
°C
18
16
14
12
2
0
1.0
2.0
3.0
4.0
5.0
6.0
VIN, INPUT VOLTAGE (VOLTS)
85
°C
–55
°C
125
°C
0
25
°C
4
6
12
14
18
4
6
8
10
Figure 2. On Resistance Test Set–Up
PLOTTER
MINI COMPUTER
PROGRAMMABLE
POWER
SUPPLY
DC ANALYZER
VCC
DEVICE
UNDER TEST
+
GND
ANALOG IN
COMMON OUT
GND




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS8701HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1507Integrated Circuit 10-Step Adjustable Analog Level Detector 1 2 3 NTE Electronics
MC74LVX8053Analog Multiplexer/Demultiplexer 1 2 3 4 5 MoreON Semiconductor
74HC4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
TEA1097Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer 1 2 3 4 5 MoreNXP Semiconductors
M491BSINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL 1 2 3 4 5 MoreSTMicroelectronics
HV20220Low Charge Injection 8-Channel High Voltage Analog Switch 1 2 3 4 5 MoreSupertex, Inc
SN54LV4053ATRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS 1 2 3 4 5 MoreTexas Instruments
TK15211Audio Analog Switch 1 2 3 4 5 MoreTOKO, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl