Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME78121JCSZ Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AME78121JCSZ
Description  1A Positive Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AME78121JCSZ Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AME78121JCSZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AME78121JCSZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AME78121JCSZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AME78121JCSZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AME78121JCSZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AME78121JCSZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AME78121JCSZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AME78121JCSZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AME78121JCSZ Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AME, Inc.
8
1A Positive Linear Regulator
AME78XX
Parameter
Symbol
Min
Typ
Max
Units
7.8
8
8.2
* 7.7
* 8.3
Line Regulation
RegLINE
2
26
mV
Load Regulation
RegLOAD
15
37
mV
Quiescent Current
IQ
3.3
6.0
mA
* 0.8
* 0.5
Output Voltage Noise
eN
10
µV
Peak Output Current
IPK
2.2
A
Short Circuit Current
ISC
0.8
A
Average Temperature Coefficient
of Output Voltage
∆V
O / ∆ T
-0.4
mV /
oC
Minimum Value of Input Voltage
Required to Maintain Line Regul-
ation
VIN (MIN)
10
V
Ripple Rejection
∆V
IN / ∆ VO
56
62
IO=300mA
Quiescent Current Change
Test Condition
Vo
5.0mA
≤ I
O ≤ 1A
VIN=14V
11V
≤ V
IN ≤ 15V, IO=500mA
IQ
Output voltage
IO=5.0mA
VIN=13V
f=120Hz, 11V
≤ V
IN ≤ 15V
11V
≤ V
IN ≤ 15V
VIN=15V
V
10Hz
≤ f ≤ 100kHz (Note2)
mA
11V
≤ V
IN ≤ 15V
5mA
≤ I
O ≤ 1A (Note1)
5mA
≤ I
O ≤ 1A, VIN=14V
dB
n Electrical Specifications-8V
Limits in standard typeface are for T
J=25
oC, Io=1A, CI=0.33uF, C
O=0.1uF, VI=14V, unless otherwise specified.
Note1: Power Dissipation
≤ 15W
Note2: Recommended minimum load capacitance of 0.01uF to limit high frequency noise.


Similar Part No. - AME78121JCSZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME78L05AJAT AME-AME78L05AJAT Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJATZ AME-AME78L05AJATZ Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJFT AME-AME78L05AJFT Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJFTZ AME-AME78L05AJFTZ Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
AME78L05AJHA AME-AME78L05AJHA Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
More results

Similar Description - AME78121JCSZ

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2810 SIPEX-SPX2810 Datasheet
94Kb / 13P
   1A Low Dropout Positive Linear Regulator
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
logo
ACE Technology Co., LTD...
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
ON Semiconductor
CS8121 ONSEMI-CS8121 Datasheet
102Kb / 8P
   5V, 1A Linear Regulator
December, 2001 - Rev. 7
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com