Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ34063CM-E1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AZ34063CM-E1
Description  0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ34063CM-E1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AZ34063CM-E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ34063CM-E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ34063CM-E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ34063CM-E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ34063CM-E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ34063CM-E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ34063CM-E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers AZ34063CM-E1 Datasheet HTML 10Page - List of Unclassifed Manufacturers AZ34063CM-E1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C
Preliminary Datasheet
7
Apr. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Figure 8. Emitter Follower Configuration Output
Figure 9. Common Emitter Configuration Output Switch
Saturation Voltage vs. Emitter Current
Saturation Voltage vs. Collector Current
Figure 10. Current Limit Sense Voltage vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.35
1.40
1.45
1.50
1.55
1.60
1.65
V
CC
=5.0V
Pins 1,7,8=V
CC
Pins 3,5=GND
T
A
=25
OC
Emitter Current (A)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
V
CC
=5.0V
Pin 7=V
CC
Pin 2,3,5=GND
T
A
=25
OC
Forced =20
Darlington Connection
Collector Current (A)
-60
-40
-20
0
20
40
60
80
100
120
140
250
255
260
265
270
275
280
285
290
295
300
Temperature (
OC)
Typical Performance Characteristics (Continued)


Similar Part No. - AZ34063CM-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ34063CM-E1 BCDSEMI-AZ34063CM-E1 Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results

Similar Description - AZ34063CM-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com