Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ34063CM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AZ34063CM
Description  0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ34063CM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AZ34063CM Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ34063CM Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ34063CM Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ34063CM Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ34063CM Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ34063CM Datasheet HTML 9Page - List of Unclassifed Manufacturers AZ34063CM Datasheet HTML 10Page - List of Unclassifed Manufacturers AZ34063CM Datasheet HTML 11Page - List of Unclassifed Manufacturers AZ34063CM Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C
Preliminary Datasheet
8
Apr. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Applications
Figure 10. Step-Up Converter (Note 5)
Note 5: This is a typical step-up converter configuration. In the steady state, if the resistor divider voltage at pin
5 is greater than the voltage in the non-inverting input, which is 1.25V determined by the internal reference, the
output of the comparator will go low. At the next swithching period, the output switch will not conduct and the
output voltage will eventually drop below its nominal voltage until the divider voltage at pin 5 is lower than 1.25V.
Then the output of the comparator will go high, the output switch will be allowed to conduct. Since Vpin5 = VOUT
* R2/(R1+R2) = 1.25(V), the output voltage can be decided by VOUT = 1.25 * (R1+R2)/R2 (V).
1
L1 220 H
2
3
4
5
6
7
8


Similar Part No. - AZ34063CM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ34063CM BCDSEMI-AZ34063CM Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063CM-E1 BCDSEMI-AZ34063CM-E1 Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063CMTR BCDSEMI-AZ34063CMTR Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063CMTR-E1 BCDSEMI-AZ34063CMTR-E1 Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results

Similar Description - AZ34063CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com