Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6982C Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6982C
Description  10-A 12V-Input Dual Output Integrated Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6982C Datasheet(HTML) 4 Page - Texas Instruments

  PT6982C Datasheet HTML 1Page - Texas Instruments PT6982C Datasheet HTML 2Page - Texas Instruments PT6982C Datasheet HTML 3Page - Texas Instruments PT6982C Datasheet HTML 4Page - Texas Instruments PT6982C Datasheet HTML 5Page - Texas Instruments PT6982C Datasheet HTML 6Page - Texas Instruments PT6982C Datasheet HTML 7Page - Texas Instruments PT6982C Datasheet HTML 8Page - Texas Instruments PT6982C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6982
10.5-A 12V-Input Dual Output
Integrated Switching Regulator
PT6982 Typical Characteristics
Efficiency vs Io1 (See Note A)
Vo1 Output Ripple vs Io1 (See Note A)
Power Dissipation vs Io1 (See Note A)
Safe Operating Area, Vin =12V (See Note B)
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
50
55
60
65
70
75
80
85
90
012345678
Io1 (A)
1
1.5
2
Io2 (A)
0
1
2
3
4
5
6
7
012345678
Io1 (A)
2
1.5
1
0.1
Io2 (A)
0
10
20
30
40
50
60
70
012345678
Io1 (A) [ Io2 fixed at Io2(typ) ]
PT6982 Performance Specifications (Unless otherwise stated, Ta =25°C, Vin =12V, C1 =560µF, C2 =330µF, Io1 =Io1typ, and Io2 =Io2typ)
PT6982 (3.3V/2.5V)
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io1
Ta=25°C, natural convection
Vo1 (3.3V)
0.1 (i)
8.5 (ii)
10.5 (iii)
A
Io2
Vo2 (2.5V)
0
2
(ii)
2.25 (iii)
Io1
Ta =60°C, 200LFM airflow
Vo1 (3.3V)
0.1 (i)
8.5 (ii)
10.5 (iii)
A
Io2
Vo2 (2.5V)
0
2
(ii)
2.25 (iii)
Input Voltage Range
Vin
OverIoRange
10.8
13.2
VDC
Set Point Voltage Tolerance
Vo tol
Vo1
±16
±50
mV
Vo2
±12
±38
Temperature Variation
Regtemp
–40° >Ta > +85°C
Vo1
±1.0
%Vo
Vo2
±0.5
Line Regulation
Regline
Over Vin range
Vo1
±10
±15
mV
Vo2
—±5
±7
Load Regulation
Regload
Over Io range
Vo1
±10
±15
mV
Vo2
±10
±13
Total Output Voltage Variation
∆Votot
Includes set-point, line, load
Vo1
±69
mV
–40° >Ta > +85°C
Vo2
±39
Efficiency
η
—84
%
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo1
—35
mVpp
Vo2
—35
TransientResponse
ttr
1A/µs load step, 50% to 100% Iotyp
60
µs
∆Vtr
Vo over/undershoot
Vo1
±50
mV
Vo2
±30
Notes:
(i)
Io1(min) current of 0.1A can be divided between both outputs, Vo1 or Vo2. The module will operate at no load with reduced specifications.
(ii) The typical current is that which can be drawn simultaneously from both outputs under the stated operating conditions.
(iii) The sum of Io1 and Io2 must be less than Io1max, and Io2 must be less than Io2max.
20
30
40
50
60
70
80
90
012
345678
Io1 (A) [ Io2 fixed at Io2(typ) ]
200LFM
120LFM
60LFM
Nat conv
Airflow


Similar Part No. - PT6982C

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6982B PTC-PT6982B Datasheet
336Kb / 4P
   High Precision Buck LED Driver
PT6982B-S PTC-PT6982B-S Datasheet
336Kb / 4P
   High Precision Buck LED Driver
More results

Similar Description - PT6982C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
[Old version datasheet]   14-A 12V-Input Adjustable Integrated Switching Regulator
PT6933 TI-PT6933 Datasheet
169Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6930 TI-PT6930 Datasheet
159Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6936 TI-PT6936 Datasheet
242Kb / 12P
[Old version datasheet]   11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT5020 TI-PT5020 Datasheet
141Kb / 6P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com