Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX244M Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74LVX244M
Description  Octal Bus Buffer With 5V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX244M Datasheet(HTML) 2 Page - ON Semiconductor

  MC74LVX244M Datasheet HTML 1Page - ON Semiconductor MC74LVX244M Datasheet HTML 2Page - ON Semiconductor MC74LVX244M Datasheet HTML 3Page - ON Semiconductor MC74LVX244M Datasheet HTML 4Page - ON Semiconductor MC74LVX244M Datasheet HTML 5Page - ON Semiconductor MC74LVX244M Datasheet HTML 6Page - ON Semiconductor MC74LVX244M Datasheet HTML 7Page - ON Semiconductor MC74LVX244M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74LVX244
http://onsemi.com
2
Figure 1. 20−Lead Pinout (Top View)
Figure 2. Logic Diagram
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
2OE 1O0 2D0 1O1 2D1 1O2
2D2 1O3
2D3
1OE 1D0 2O0 1D1 2O1 1D2 2O2
1D3 2O3 GND
1OE
1
1D0
2
1O0
18
1D1
4
1O1
16
1D2
6
1O2
14
1D3
8
1O3
12
2OE
19
2D0
17
2O0
3
2D1
15
2O1
5
2D2
13
2O2
7
2D3
11
2O3
9
1OE, 2OE
1Dn, 2Dn
1On, 2On
L
L
H
L
H
X
L
H
Z
INPUTS
OUTPUTS
FUNCTION TABLE
PIN NAMES
Function
Output Enable Inputs
Data Inputs
3−State Outputs
Pins
nOE
1Dn, 2Dn
1On, 2On
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX244DWR2
SOIC−20
1000 Tape & Reel
MC74LVX244DWR2G
SOIC−20
(Pb−Free)
1000 Tape & Reel
MC74LVX244DT
TSSOP−20*
50 Units / Rail
MC74LVX244DTR2
TSSOP−20*
2500 Tape & Reel
MC74LVX244M
SOEIAJ−20
50 Units / Rail
MC74LVX244MEL
SOEIAJ−20
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - MC74LVX244M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX244M MOTOROLA-MC74LVX244M Datasheet
155Kb / 6P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX244MELG ONSEMI-MC74LVX244MELG Datasheet
139Kb / 7P
   Octal Bus Buffer
May, 2011 ??Rev. 3
MC74LVX244MG ONSEMI-MC74LVX244MG Datasheet
139Kb / 7P
   Octal Bus Buffer
May, 2011 ??Rev. 3
More results

Similar Description - MC74LVX244M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX240 ONSEMI-MC74LVX240 Datasheet
95Kb / 8P
   Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX126 ONSEMI-MC74LVX126 Datasheet
91Kb / 5P
   Quad Bus Buffe With 5V?뭈olerant Inputs
February, 2005 ??Rev. 2
MC74LVX245 ONSEMI-MC74LVX245 Datasheet
100Kb / 8P
   Octal Bus Transceiver With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
logo
Toshiba Semiconductor
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ244FK TOSHIBA-TC7MZ244FK Datasheet
229Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX244F TOSHIBA-TC74LCX244F Datasheet
281Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
MC74LVX373 ONSEMI-MC74LVX373 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Toshiba Semiconductor
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
TC74HC7240AP TOSHIBA-TC74HC7240AP_07 Datasheet
260Kb / 7P
   Octal Bus Buffer (with schmitt trigger inputs)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com