Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6985N Datasheet(PDF) 9 Page - Texas Instruments

Part # PT6985N
Description  10-A 12V-Input Dual Output Integrated Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6985N Datasheet(HTML) 9 Page - Texas Instruments

Back Button PT6985N Datasheet HTML 4Page - Texas Instruments PT6985N Datasheet HTML 5Page - Texas Instruments PT6985N Datasheet HTML 6Page - Texas Instruments PT6985N Datasheet HTML 7Page - Texas Instruments PT6985N Datasheet HTML 8Page - Texas Instruments PT6985N Datasheet HTML 9Page - Texas Instruments PT6985N Datasheet HTML 10Page - Texas Instruments PT6985N Datasheet HTML 11Page - Texas Instruments PT6985N Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Adjusting the Output Voltage of the PT6980
Dual-Output Voltage Regulators
Each output voltage from the PT6980 series of integrated
switching regulators (ISRs) can be independently adjusted
higher or lower than the factory trimmed pre-set voltage.
The voltages, Vo1 and Vo2 may be adjusted either up or
down using a single external resistor 1. Table 1 gives the
adjustment range for both Vo1 and Vo2 for each model in
the series as Va(min) and Va(max). Note that Vo2 must
always be lower than Vo1 2.
Vo1 Adjust Up: To increase the output, add a resistor R4
between pin 16 (V1 Adjust) and pins 7-11 (GND) 1.
Vo1 Adjust Down: Add a resistor (R3), between pin 16
(Vo1 Adjust) and pin 1 (Vo1 Sense) 1.
Vo2 Adjust Up: Add a resistor R2 between pin 23
(Vo2 Adjust) and pins 7-11 (GND) 1.
Vo2 Adjust Down: Add a resistor (R1) between pin 23
(Vo2 Adjust) and pin 22 (Vo2 Sense) 1.
Refer to Figure 1 and Table 2 for both the placement and value of
the required resistor.
Notes:
1. Use only a single 1% resistor in either the (R3) or R4
location to adjust Vo1, and in the (R1) or R2 location to
adjust Vo2. Place the resistor as close to the ISR as
possible.
2. Vo2 must always be at least 0.2V lower than Vo1.
Figure 1
C
1
+
C
2
+
C
3
+
R4
(R3)
(R1)
R2
L
O
A
D
L
O
A
D
Adj Down
Adjust Up
V
IN
COM
COM
Vo
2
Vo
1
PT6980
18 - 21
23
7 - 11
4,5,6
Vin
Vo
2
GND
Vo
2 (adj)
Vo
1 (sns)
1
16
Vo
1 (adj)
12 - 15
Vo
1
Vo
2 (sns)
22
STBY
3
Adjust Vo
1
Adjust Vo
2
3. Both the Vo1 and Vo2 may be adjusted down to an
alternative bus voltage by making, (R3) or (R1)
respectively, a zero ohm link. Refer to the Table 1
footnotes for guidance.
4. Never connect capacitors to either the Vo1 Adjust or
Vo2 Adjust pins. Any capacitance added to these control
pins will affect the stability of the respective regulated
output.
5. Adjusting either voltage (Vo1 or Vo2) may increase the
power dissipation in the regulator, and change the
maximum current available at either output. Consult
the note on p.2 of the data sheet regarding Vo1/Vo2
loading.
The adjust up and adjust down resistor values can also be
calculated using the following formulas. Be sure to select
the correct formula parameter from Table 1 for the output
and model being adjusted.
(R1) or (R3)
=
10 (Va – Vr )
– Rs
k
Vo – Va
(R2) or (R4)
=
10 · Vr
– Rs
k
Va – Vo
Where: Vo = Original output voltage, (Vo1 or Vo2)
Va = Adjusted output voltage
Vr = The reference voltage from Table 1
Rs = The series resistance from Table 1
PT6980 Series


Similar Part No. - PT6985N

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6985 PTC-PT6985 Datasheet
363Kb / 4P
   High Precision Buck LED Driver
PT6985-D PTC-PT6985-D Datasheet
363Kb / 4P
   High Precision Buck LED Driver
PT6985-S PTC-PT6985-S Datasheet
363Kb / 4P
   High Precision Buck LED Driver
More results

Similar Description - PT6985N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
[Old version datasheet]   14-A 12V-Input Adjustable Integrated Switching Regulator
PT6933 TI-PT6933 Datasheet
169Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6930 TI-PT6930 Datasheet
159Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6936 TI-PT6936 Datasheet
242Kb / 12P
[Old version datasheet]   11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT5020 TI-PT5020 Datasheet
141Kb / 6P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com