Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4300-1IMS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4300-1IMS8
Description  Hot Swappable 2-Wire Bus Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4300-1IMS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC4300-1IMS8 Datasheet HTML 1Page - Linear Technology LTC4300-1IMS8 Datasheet HTML 2Page - Linear Technology LTC4300-1IMS8 Datasheet HTML 3Page - Linear Technology LTC4300-1IMS8 Datasheet HTML 4Page - Linear Technology LTC4300-1IMS8 Datasheet HTML 5Page - Linear Technology LTC4300-1IMS8 Datasheet HTML 6Page - Linear Technology LTC4300-1IMS8 Datasheet HTML 7Page - Linear Technology LTC4300-1IMS8 Datasheet HTML 8Page - Linear Technology LTC4300-1IMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4300-1/LTC4300-2
4
sn430012 430012fs
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
4300-1/2 G03
12
10
8
6
4
2
0
VCC = 2.7V
VCC = 5V
VCC = 3V
RPULLUP (Ω)
0
10,000
20,000
30,000
40,000
4300-1/2 G04
300
250
200
150
100
50
0
VCC = 3.3V
VCC = 5V
TA = 25°C
VIN = 0V
IPULLUPAC vs Temperature
Connection Circuitry VOUT – VIN
TYPICAL PERFOR A CE CHARACTERISTICS
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
4300-1/2 G02
100
80
60
40
20
0
VCC = 2.7V
VCC = 3.3V
VCC = 5.5V
CIN = COUT = 100pF
RPULLUPIN = RPULLUPOUT = 10k
Input – Output tPHL vs Temperature
(LTC4300-1)
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
4300-1/2 G01
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
VCC = 5.5V
VCC = 2.7V
ICC vs Temperature (LTC4300-1)


Similar Part No. - LTC4300-1IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
More results

Similar Description - LTC4300-1IMS8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com