Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX374 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVX374
Description  Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX374 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVX374 Datasheet HTML 1Page - ON Semiconductor MC74LVX374 Datasheet HTML 2Page - ON Semiconductor MC74LVX374 Datasheet HTML 3Page - ON Semiconductor MC74LVX374 Datasheet HTML 4Page - ON Semiconductor MC74LVX374 Datasheet HTML 5Page - ON Semiconductor MC74LVX374 Datasheet HTML 6Page - ON Semiconductor MC74LVX374 Datasheet HTML 7Page - ON Semiconductor MC74LVX374 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74LVX374
http://onsemi.com
5
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX374DWR2
SOIC−20
1000 Tape & Reel
MC74LVX374DWR2G
SOIC−20
(Pb−Free)
1000 Tape & Reel
MC74LVX374DTR2
TSSOP−20*
2500 Tape & Reel
MC74LVX374M
SOEIAJ−20
50 Units / Rail
MC74LVX374MG
SOEIAJ−20
(Pb−Free)
50 Units / Rail
MC74LVX374MEL
SOEIAJ−20
2000 Tape & Reel
MC74LVX374MELG
SOEIAJ−20
(Pb−Free)
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.
Figure 3.
Figure 4.
Figure 5.
SWITCHING WAVEFORMS
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 kW
TEST CIRCUITS
Figure 6. Propagation Delay Test Circuit
Figure 7. Three−State Test Circuit
VCC
GND
50% VCC
50%
CP
tPLH
tPHL
O
tW
1/fmax
50%
50% VCC
50% VCC
OE
O
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL +0.3V
VOH −0.3V
HIGH
IMPEDANCE
50%
D
CP
VCC
VCC
GND
GND
VALID
th
tsu
50%
O


Similar Part No. - MC74LVX374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX374 MOTOROLA-MC74LVX374 Datasheet
167Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374 Datasheet
118Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74LVX374DT MOTOROLA-MC74LVX374DT Datasheet
167Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX374DTR2G ONSEMI-MC74LVX374DTR2G Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
MC74LVX374DTR2G ONSEMI-MC74LVX374DTR2G Datasheet
118Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVX374

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX373 ONSEMI-MC74LVX373 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com