Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9130 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9130
Description  Single 500Mbps LVDS Line Receiver in SC70
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9130 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9130 Datasheet HTML 1Page - Maxim Integrated Products MAX9130 Datasheet HTML 2Page - Maxim Integrated Products MAX9130 Datasheet HTML 3Page - Maxim Integrated Products MAX9130 Datasheet HTML 4Page - Maxim Integrated Products MAX9130 Datasheet HTML 5Page - Maxim Integrated Products MAX9130 Datasheet HTML 6Page - Maxim Integrated Products MAX9130 Datasheet HTML 7Page - Maxim Integrated Products MAX9130 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Single 500Mbps LVDS Line Receiver in SC70
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, CL = 15pF, |VID| = 0.2V, VCM = 1.2V, input rise and fall time = 1ns (20% to 80%), input frequency = 250MHz, 50%
duty cycle, TA = +25°C, unless otherwise noted.)
0
10
30
40
1
10
100
1000
SUPPLY CURRENT
vs. FREQUENCY
FREQUENCY (MHz)
20
6.00
5.50
5.00
4.50
4.00
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-60
-65
-75
-70
-80
-85
3.0
3.3
3.6
OUTPUT SHORT-CIRCUIT CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.60
3.40
3.20
3.00
2.80
3.0
3.3
3.6
OUTPUT HIGH VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
84.0
84.5
85.0
85.5
86.0
86.5
87.0
87.5
88.0
3.0
3.3
3.6
OUTPUT LOW VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.50
1.60
1.80
1.70
1.90
2.00
3.0
3.3
3.6
DIFFERENTIAL PROPAGATION DELAY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tPHLD
tPLHD
1.50
1.75
2.00
2.25
2.50
2.75
-40
10
-15
35
60
85
DIFFERENTIAL PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
tPHLD
tPLHD


Similar Part No. - MAX9130

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9130EXT MAXIM-MAX9130EXT Datasheet
147Kb / 8P
   Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
MAX9130EXT-T MAXIM-MAX9130EXT-T Datasheet
147Kb / 8P
   Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
More results

Similar Description - MAX9130

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9130EXT MAXIM-MAX9130EXT Datasheet
147Kb / 8P
   Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
MAX9115 MAXIM-MAX9115 Datasheet
139Kb / 8P
   Single LVDS Line Receiver in SC70
Rev 0; 4/01
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Maxim Integrated Produc...
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
   Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com