Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V271CA60 Datasheet(PDF) 6 Page - Littelfuse

Part # V271CA60
Description  Varistor Products - High Energy Industrial Disc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V271CA60 Datasheet(HTML) 6 Page - Littelfuse

  V271CA60 Datasheet HTML 1Page - Littelfuse V271CA60 Datasheet HTML 2Page - Littelfuse V271CA60 Datasheet HTML 3Page - Littelfuse V271CA60 Datasheet HTML 4Page - Littelfuse V271CA60 Datasheet HTML 5Page - Littelfuse V271CA60 Datasheet HTML 6Page - Littelfuse V271CA60 Datasheet HTML 7Page - Littelfuse V271CA60 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
119
www .littelfuse .com
Varistor Products
2
High Energy Industrial Disc
CA Varistor Series
Series Dimensions
2.0
0.25
DIAMETER
(SEE TABLE)
PASSIVATION
COLLAR
ELECTRODE
THICKNESS
ELECTRODE
OPTIONAL
DISC DIAMETER
MODEL
SIZE
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
32
31.0
33.0
1.220
1.299
40
38.0
40.0
1.496
1.575
60
58.0
62.0
2.283
2.441
MODEL
VRMS
VM(AC)
THICKNESS (32mm DISC MODELS)
THICKNESS (40mm AND 60mm DISC MODELS)
MILLIMETERS
INCHES
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
130
1.4
2.4
0.071
0.094
1.4
2.8
0.055
0.134
150
1.7
2.8
0.083
0.110
1.5
3.0
0.06
0.150
250
1.6
2.2
0.063
0.087
2.0
2.7
0.079
0.106
275
1.8
2.5
0.071
0.098
2.2
3.0
0.087
0.118
320
2.1
2.9
0.083
0.114
2.6
3.5
0.102
0.138
420
2.9
3.9
0.114
0.154
3.5
4.7
0.138
0.185
480
3.1
4.3
0.122
0.169
3.8
5.2
0.150
0.205
510
3.5
4.7
0.138
0.185
4.2
5.7
0.165
0.224
575
3.8
5.1
0.150
0.201
4.6
6.3
0.181
0.248
660
4.4
6.0
0.173
0.236
5.3
7.2
0.209
0.283
750
5.1
6.9
0.240
0.327
6.1
8.3
0.240
0.327
880
††
----
7.3
10.3
0.287
0.406
1100
††
----
9.2
13.0
0.362
0.512
1400
††
----
11.5
16.0
0.453
0.630
1700
††
----
14.0
19.0
0.551
0.748
2000
††
----
17.0
22.5
0.669
0.886
2400
††
----
20.0
27.0
0.787
1.063
2800
††
----
24.0
32.0
0.945
1.260
Available in 32mm and 40mm only.
†† Available in 60mm size only.


Similar Part No. - V271CA60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V271CA60 LITTELFUSE-V271CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
More results

Similar Description - V271CA60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com