Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V47CH8 Datasheet(PDF) 1 Page - Littelfuse

Part # V47CH8
Description  Surface Mount Varistors - Transient Voltage Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V47CH8 Datasheet(HTML) 1 Page - Littelfuse

  V47CH8 Datasheet HTML 1Page - Littelfuse V47CH8 Datasheet HTML 2Page - Littelfuse V47CH8 Datasheet HTML 3Page - Littelfuse V47CH8 Datasheet HTML 4Page - Littelfuse V47CH8 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Varistors
195
www .littelfuse .com
Transient Voltage Surge Suppressor
CH Varistor Series
®
CH series transient surge suppressors are small, metal-oxide varistors
(MOVs) manufactured in leadless chip form. They are intended for use in a
variety of applications from low voltage DC to off-line board-level protection.
These devices, which have significantly lower profiles than traditional
radial-lead varistors, permit designers to reduce the size and weight and
increase the reliability of their equipment designs.
CH series varistors are available in a voltage range from 14V to
275V VM(AC)RMS , and energy ratings up to 23J.
See the Littelfuse Multilayer Suppressor Series also.
Features
• Lead-Free
• Leadless, Surface Mount Chip in 5 x 8mm Size
• Voltage Ratings VM(AC)RMS,. .................... .14V to 275V
• Supplied in Tape and Reel or Bulk Pack
• No Derating up to 125oC Ambient
AGENCY APPROVALS: Recognized under the components program of
Underwriters Laboratories.
AGENCY FILE NUMBERS: UL E75961, E135010.
RoHS
Pb
3


Similar Part No. - V47CH8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47CH8 LITTELFUSE-V47CH8 Datasheet
633Kb / 6P
   Surface Mount Varistors
V47CH8 LITTELFUSE-V47CH8 Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V47CH8 LITTELFUSE-V47CH8 Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V47CH8 LITTELFUSE-V47CH8 Datasheet
633Kb / 6P
   CH Varistor Series
V47CH8T LITTELFUSE-V47CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
More results

Similar Description - V47CH8

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com