Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZY91C13 Datasheet(PDF) 2 Page - Littelfuse

Part # BZY91C13
Description  Zeners/Studs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

BZY91C13 Datasheet(HTML) 2 Page - Littelfuse

  BZY91C13 Datasheet HTML 1Page - Littelfuse BZY91C13 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Zeners/Studs
323
www .littelfuse .com
7
Ptot
max
(W)
Tmb (°C)
100
50
0
-50
-100
0
25
50
75
150
100
200
100
10
1
0.1
1
µs10µs
100
µ
1ms
10ms
Pulse Time (tp)
Exponential wave-form
Square wave-pulse
s
100ns
Figure 2. Maximum total dissapation plotted against mounting
base temp
Figure 1. Non-repetitive peak pulse power rating curve
BZY91 Series
Zener
Resistance
RZ (
Ω) @ IZ
Typ
IZ
BZY91C7V5
BZY91C8V2
BZY91C9V1
BZY91C10*
BZY91C11
BZY91C12*
BZY91C13
BZY91C15*
BZY91C16
BZY91C18
BZY91C20*
BZY91C22
BZY91C24*
BZY91C27
BZY91C30*
BZY91C33*
BZY91C36
BZY91C39*
BZY91C43*
BZY91C47
BZY91C51
BZY91C56*
BZY91C62
BZY91C68
BZY91C75*
BZY91C7V5R
BZY91C8V2R
BZY91C9V1R
BZY91C10R
BZY91C11R
BZY91C12R
BZY91C13R
BZY91C15R*
BZY91C16R
BZY91C18R
BZY91C20R
BZY91C22R*
BZY91C24R
BZY91C27R*
BZY91C30R
BZY91C33R
BZY91C36R
BZY91C39R
BZY91C43R
BZY91C47R
BZY91C51R
BZY91C56R
BZY91C62R*
BZY91C68R
BZY91C75R
Stud
Cathode
Part Number
Zener Voltage
VZ (Volts) @ IZ
7.0
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.7
25.1
28.0
31.0
34.0
37.0
40.0
44.0
48.0
52.0
58.0
64.0
70.0
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.2
23.3
25.9
28.9
32.0
35.0
38.0
41.0
46.0
50.0
54.0
60.0
66.0
72.0
79.0
5.0
5.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.04
0.06
0.08
0.08
0.08
0.10
0.10
0.12
0.12
0.14
0.16
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
0.34
0.36
0.4
0.44
0.48
0.51
MIN
MAX
(Volts)
(A)
Stud
Anode
Part Number
Maximum Reverse
Leakage IR @ VR
0.2
0.3
0.4
0.4
0.4
0.5
0.5
0.6
0.6
0.7
0.8
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.7
1.8
2.0
2.2
2.4
2.6
5.0
5.0
5.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10.0
11.0
12.0
13.0
15.0
16.0
18.0
20.0
22.0
24.0
27.0
30.0
33.0
36.0
39.0
43.0
47.0
51.0
Max
(mA)
* Preferred voltages.
ELECTRICAL SPECIFICATION @ Tamb 25°C


Similar Part No. - BZY91C13

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
BZY91C13 NAINA-BZY91C13 Datasheet
114Kb / 2P
   Zener Diodes (Studs)
logo
New Jersey Semi-Conduct...
BZY91C13 NJSEMI-BZY91C13 Datasheet
88Kb / 2P
   Voltage Range?.5 - 75 Volts 5000 Watt Peak Pulse Power
logo
Naina Semiconductor ltd...
BZY91C13R NAINA-BZY91C13R Datasheet
114Kb / 2P
   Zener Diodes (Studs)
logo
New Jersey Semi-Conduct...
BZY91C13R NJSEMI-BZY91C13R Datasheet
88Kb / 2P
   Voltage Range?.5 - 75 Volts 5000 Watt Peak Pulse Power
More results

Similar Description - BZY91C13

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
BZY91 NAINA-BZY91 Datasheet
114Kb / 2P
   Zener Diodes (Studs)
BZY93 NAINA-BZY93_11 Datasheet
119Kb / 2P
   Zener Diodes (Studs)
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com