Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZY91C10 Datasheet(PDF) 1 Page - Littelfuse

Part # BZY91C10
Description  Zeners/Studs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

BZY91C10 Datasheet(HTML) 1 Page - Littelfuse

  BZY91C10 Datasheet HTML 1Page - Littelfuse BZY91C10 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zeners/Studs
322
www .littelfuse .com
BZY91C
Voltage
N = Stud Cathode Normal
R = Stud Anode Reverse
STUD CATHODE NORMAL
STUD ANODE REVERSE
ORDERING INFORMATION
FEATURES
Voltage range 7.5 - 75 Volts
5000 Watt peak pulse power
100 Watt steady state @ 25°C
75 Watt steady state @ 65°C
Glass passivated junction
5000 Watt surge capability at 1 ms
Typically IR less than1 µA above 10V
Excellent clamping capability
Stud cathode & stud anode
Operating temperature -55°C to +175°C
100% tested
MECHANICAL CHARACTERISTICS
Case: Hermetically sealed DO5 outline
Finish: All external surfaces are corrosion resistant and
terminal solderable
Polarity: Indicated by direction of zener symbol
Weight: 14 grammes excluding mounting kit (approx)
Torque Setting 30inch/lb
ELECTRICAL DATA
Forward voltage Vf 1.5V max @ If
≤ 10A 300µS square
wave pulse
Vz measured with pulse
≤ 100µS and duty cycle ≤ 0.001
Rz determined with DC plus 10% superimposed AC @ 1KHz
BZY91 Series
AVAILABLE IN THE
FOLLOWING CONFIGURATIONS
All dimensions in mm


Similar Part No. - BZY91C10

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
BZY91C10 NAINA-BZY91C10 Datasheet
114Kb / 2P
   Zener Diodes (Studs)
logo
New Jersey Semi-Conduct...
BZY91C10 NJSEMI-BZY91C10 Datasheet
88Kb / 2P
   Voltage Range?.5 - 75 Volts 5000 Watt Peak Pulse Power
logo
Naina Semiconductor ltd...
BZY91C10R NAINA-BZY91C10R Datasheet
114Kb / 2P
   Zener Diodes (Studs)
logo
New Jersey Semi-Conduct...
BZY91C10R NJSEMI-BZY91C10R Datasheet
88Kb / 2P
   Voltage Range?.5 - 75 Volts 5000 Watt Peak Pulse Power
More results

Similar Description - BZY91C10

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
BZY91 NAINA-BZY91 Datasheet
114Kb / 2P
   Zener Diodes (Studs)
BZY93 NAINA-BZY93_11 Datasheet
119Kb / 2P
   Zener Diodes (Studs)
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com