Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A440S002300100 Datasheet(PDF) 1 Page - Littelfuse

Part # A440S002300100
Description  GAS DISCHARGE TUBE - 8x10mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

A440S002300100 Datasheet(HTML) 1 Page - Littelfuse

  A440S002300100 Datasheet HTML 1Page - Littelfuse A440S002300100 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050915
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
G
GG
GGAS
AS
AS
AS
AS
D
DD
DDISCHARGE
ISCHARGE
ISCHARGE
ISCHARGE
ISCHARGE
TTTTTUBE
UBE
UBE
UBE
UBE
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
A440:
00=Bulk (2.000 pcs.)
A440/F
00=Bulk (500 pcs.)
A441:
04=Tray (250 pcs.)
A442:
04=Tray (500 pcs.)
A442/F:
04=Tray (500 pcs.)
Materials
Materials
Materials
Materials
Materials
Housing:
Ceramic
Gas:
non-radioactive
Leads:
tin plated
Arc Voltage @ 1A
Arc Voltage @ 1A
Arc Voltage @ 1A
Arc Voltage @ 1A
Arc Voltage @ 1A
~ 35V
TTTTTransition Glow to Arc @
ransition Glow to Arc @
ransition Glow to Arc @
ransition Glow to Arc @
ransition Glow to Arc @
~ 1.0A
Operating temperature
Operating temperature
Operating temperature
Operating temperature
Operating temperature
-40°C to +90°C
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
complies to IEC 60068-1
+40°C, 21 days, <93% humidity
Soldering characteristics
Soldering characteristics
Soldering characteristics
Soldering characteristics
Soldering characteristics
complies to IEC 60068-2-20
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
complies to IEC 60068-2-58
TTTTTransverse Delay T
ransverse Delay T
ransverse Delay T
ransverse Delay T
ransverse Delay Time
ime
ime
ime
ime
complies to ITU-T K.12
< 0.2µs
Marking
Marking
Marking
Marking
Marking
, Type, Nom. Voltage, Date
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
ca. 2.2g
8x10mm
No. A440/A441/A442
A440/A441/A442
A440/A441/A442
A440/A441/A442
A440/A441/A442
Type/
DC
Tolerance
Impulse
Glow
Insulation
Capacitance
8/20µs
8/20µs
AC
AC
Approval
Order Code
sparkover
sparkover
Voltage
Resistance
(@1MHZ)
Nominal
Single
Nominal
Alternating
voltage
voltage
(@100 Vdc or
Impulse
Impulse
Discharge Discharge
(1kV/µs)
@50Vdc for 90V)
Discharge
Discharge
Current
Current
typ.
E1/M;E2/M
E1/M;E2/M
Current
Current
(50Hz; 1s;
(50Hz;
(10 times)
(1 time)
(10 times)
9 cycles)
E1+E2/M
E1+E2/M
E1+E2/M
E1+E2/M
UL-rec.
A440 S0 0090 01 00
A441 S0 0090 01 04
90V
+/- 20%
< 450V
~ 60V
> 10GΩ
< 1.5 pF
10kA
15kA
10A
40A
A442 S0 0090 01 04
A442 F0 0090 01 04*
A440 S0 0230 01 00
A440 F0 0230 01 00*
A441 S0 0230 01 04 230V
+/- 20%
< 550V
~ 200V
> 10GΩ
< 1.5 pF
10kA
15kA
10A
40A
A442 S0 0230 01 04
A442 F0 0230 01 04*
A440 F0 0250 01 00* 250V
+/- 20%
< 550V
~ 200V
> 10GΩ
< 1.5 pF
10kA
15kA
10A
40A
A440 S0 0350 01 00
A440 F0 0350 01 00*
350V
+/- 20%
< 800V
~ 200V
> 10GΩ
< 1.5 pF
10kA
15kA
10A
40A
A441 S0 0350 01 04
A442 F0 0350 01 04*
A440 F0 0420 01 00* 420V
+/- 20%
< 850V
~ 200V
> 10GΩ
< 1.5 pF
10kA
15kA
10A
40A
A440 S0 0600 01 00
600V
+/- 20%
< 1000V
~ 200V
> 10GΩ
< 1.5 pF
10kA
15kA
10A
40A
A441 S0 0600 01 04
Specifications are subject to change without notice.
other values on request
* with failsafe
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
TTTTType
ype
ype
ype
ype
Failsafe Option
Failsafe Option
Failsafe Option
Failsafe Option
Failsafe Option Sparkover Volt.
Sparkover Volt.
Sparkover Volt.
Sparkover Volt.
Sparkover Volt. TTTTTolerance
olerance
olerance
olerance
olerance
Packaging
Packaging
Packaging
Packaging
Packaging
Example
Example
Example
Example
Example
Number
A420
S0
0090
01
00
3-electrode (10kA/10A)
3-electrode (10kA/10A)
3-electrode (10kA/10A)
3-electrode (10kA/10A)
3-electrode (10kA/10A)
Standard Series
Standard Series
Standard Series
Standard Series
Standard Series
Features
Features
Features
Features
Features
Non-radioactive
Lead Free
Failsafe Option
Applications
Applications
Applications
Applications
Applications
Telecommunication
Data Transmission
Subscriber protection
Underground cables
Standard
Standard
Standard
Standard
Standard
UL-497B
complies to ITU-T K.12 (formerly CCITT)
complies to DIN 57845/VDE 0845
Approvals
Approvals
Approvals
Approvals
Approvals
UL-rec.
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further info see:
Further info see:
Further info see:
Further info see:
Further info see:
http://www.wickmanngroup.com/
download/orderinfo_surgearr.pdf
http://www.wickmanngroup.com/
download/crossref_surgearr.pdf
This product is not recommended
for new designs. Please refer to
Littelfuse series SL1024A.


Similar Part No. - A440S002300100

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4401 ALLEGRO-A4401 Datasheet
417Kb / 17P
   This device provides all the necessary control functions to provide the power rails for driving a vacuum fluorescent display (VFD) using minimal external components.
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
   Automotive Quasi-Resonant Flyback Control IC
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
A4402ELPTR-T ALLEGRO-A4402ELPTR-T Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
More results

Similar Description - A440S002300100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A450 LITTELFUSE-A450 Datasheet
208Kb / 2P
   GAS DISCHARGE TUBE - 8x10mm
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
   Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
   Gas Discharge Tube
BX201N BENCENT-BX201N Datasheet
147Kb / 3P
   Gas Discharge Tube
BZ201M BENCENT-BZ201M Datasheet
144Kb / 3P
   Gas Discharge Tube
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com